Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AVH-25LSFE301604

  • AI
    The part number **AVH-25LSFE301604** refers to a high-performance **Aluminum Electrolytic Capacitor**, typically categorized under SMD (Surface Mount Device) or "V-Chip" types. These components are essential for power management and signal filtering in electronic circuits. ### 1. Technical Specifications Breakdown The alphanumeric code represents specific parameters defined by the manufacturer (often associated with brands like **AiSHi** or similar high-reliability electronic component producers). | Parameter | Value / Description | | :--- | :--- | | **Series** | AVH (High Temperature, Long Life Series) | | **Voltage Rating** | 25V (Maximum DC operating voltage) | | **Capacitance** | Often 160µF or 300µF (depending on specific manufacturer suffix mapping) | | **Mounting Type** | SMD / SMT (Surface Mount) | | **Operating Temp** | Usually -40°C to +105°C or +125°C | | **Tolerance** | ±20% (Standard for electrolytic capacitors) | --- ### 2. Key Electronic Features The **AVH Series** is designed for demanding environments, featuring: * **Low ESR (Equivalent Series Resistance):** Minimizes heat generation and power loss during high-frequency operation. * **High Ripple Current Handling:** Capable of managing significant fluctuations in current, which is vital for DC-DC converters. * **Vibration Resistance:** The "V-Chip" design provides physical stability on the PCB, making it suitable for automotive or industrial machinery. * **Long Life Cycle:** Rated for several thousand hours at its maximum temperature limit (e.g., 2000–5000 hours). --- ### 3. Common Applications These parts are integrated into various electronic systems where space is limited but reliability is critical: 1. **Automotive Electronics:** Used in Engine Control Units (ECUs), infotainment systems, and ADAS sensors. 2. **Power Supplies:** Acts as a smoothing filter to convert pulsating DC into a steady voltage. 3. **Industrial Automation:** Found in PLC (Programmable Logic Controller) boards and motor drivers. 4. **Telecommunications:** Used in base stations and networking hardware for power regulation. --- ### 4. Handling and Soldering When working with the AVH-25LSFE301604, ensure adherence to standard Reflow Soldering profiles: ```markdown - Pre-heat: 150°C to 180°C (60-120 seconds) - Peak Temperature: 245°C to 260°C (Maximum 5-10 seconds) - Polarity: Must observe the cathode (-) stripe to avoid component failure or explosion. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the '301604' suffix in this series?
    • ⤷ How does the ESR of the AVH series compare to standard electrolytic capacitors?
    • ⤷ Are there specific storage requirements to prevent electrolyte dry-out for this part?