Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AVH-25LSFE3122604

  • AI
    The **AVH-25LSFE3122604** appears to be a specific model or sub-assembly designation often associated with **Electronic Parking Brake (EPB)** actuators or similar automotive mechatronic control units (often found in vehicles like Chery, Exeed, or Jetour). Below is a breakdown of the electronic components and functional blocks typically found in this type of module. --- ### 1. Hardware Architecture Overview The device functions as an electromechanical interface, converting digital signals from the vehicle's CAN bus into physical mechanical force. | Component Category | Key Parts / Purpose | | :--- | :--- | | **Control Logic** | 32-bit Microcontroller (MCU) for processing sensor data and safety logic. | | **Power Stage** | H-Bridge Motor Driver or high-current MOSFETs to drive the actuator motor. | | **Communication** | CAN-Bus Transceiver (High Speed) for ECU communication. | | **Sensors** | Hall Effect sensors or Potentiometers for position and clamp force feedback. | | **Power Management** | Voltage Regulators (LDO/Buck) to step down 12V battery power to 3.3V/5V. | --- ### 2. Detailed Electronic Sub-Systems #### A. The H-Bridge Drive Circuit Because the actuator must be able to apply (tighten) and release (loosen) the brake, the electronics use an **H-Bridge**. This allows the polarity of the DC motor to be reversed. It includes: * **Current Sensing Resistors:** To monitor the "stall current." When the brake pads hit the disc, the current spikes; the electronics detect this to know the brake is fully engaged. #### B. Communication Interface The module communicates via the **CAN (Controller Area Network)**. * It receives "Apply" or "Release" messages from the Electronic Stability Control (ESC) or the dashboard switch. * It sends diagnostic codes (DTCs) if it detects an open circuit, short circuit, or mechanical jam. #### C. Safety & Redundancy Since this is a safety-critical component, the electronic design includes: * **Watchdog Timers:** To reset the processor if the software freezes. * **Reverse Polarity Protection:** To prevent damage if the battery is connected incorrectly. * **Thermal Shutdown:** To stop the motor if it overheats due to repeated cycling. --- ### 3. Specifications Summary | Feature | Typical Value | | :--- | :--- | | **Operating Voltage** | 9V - 16V DC | | **Peak Current** | 15A - 30A (during clamping) | | **Communication Protocol** | CAN 2.0B | | **Connector Type** | Multi-pin sealed automotive (IP6K9K rated) | --- ### 4. Common Failure Points * **Relay/MOSFET Fatigue:** Repeated high-current switching can eventually burn out the power stage. * **Water Ingress:** If the housing seal fails, corrosion on the PCB leads to "Communication Loss" errors. * **Solder Cracks:** Vibration from the chassis can cause micro-fractures in the lead-free solder joints.
    ✨ Follow-up Questions
    • ⤷ How do I diagnose a communication error with this specific module?
    • ⤷ What are the common pinout configurations for this actuator?
    • ⤷ Can the firmware on this unit be reflashed via OBD-II?