Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AVH-25LSFO301604

  • AI
    Based on the product code provided (**AVH-25LSFO301604**), this appears to be a specific identifier for a **Vacuum Interrupter (VI)**, likely manufactured by or for a heavy electrical equipment company (such as ABB or similar regional manufacturers). These components are critical parts of high-voltage vacuum circuit breakers. ### Component Overview: Vacuum Interrupter A Vacuum Interrupter is the "heart" of medium-to-high voltage circuit breakers. Its primary job is to extinguish an electric arc when a circuit is opened under load or during a fault (short circuit). --- ### Technical Breakdown of Parts The device consists of several sophisticated sub-components designed to maintain a high vacuum and manage extreme electrical stress. | Part Name | Material/Composition | Function | | :--- | :--- | :--- | | **Ceramic Insulator** | Alumina (Al2O3) | Provides structural integrity and electrical insulation between the two poles. | | **Fixed Contact** | Chrome-Copper (CuCr) | Remains stationary; designed to handle high current without welding. | | **Moving Contact** | Chrome-Copper (CuCr) | Moves to open/close the circuit; connected to the operating mechanism. | | **Bellows** | Stainless Steel | A flexible metal "accordion" that allows the moving contact to travel without breaking the vacuum seal. | | **Shielding (Arc Shield)** | High-purity Metal | Captures metal vapor during arcing to prevent it from coating the ceramic insulator. | | **End Caps** | Stainless Steel or OFHC Copper | Seals the ends of the ceramic cylinder to maintain the vacuum environment. | --- ### Operational Characteristics The "electronic" logic of this part is actually electromechanical. Here is how the internal physics work: 1. **Vacuum Environment:** The interior is kept at a vacuum pressure of roughly $10^{-7}$ to $10^{-4}$ Pa. This high dielectric strength allows for a very small gap between contacts. 2. **Arc Extinction:** When the contacts separate, a metal vapor arc is formed. Because there is no gas to ionize (vacuum), the arc naturally dissipates at the first "current zero" of the AC cycle. 3. **Contact Geometry:** The contacts often have a "Spiral" or "Transverse Contoured" shape. This uses the magnetic field generated by the current to force the arc to move rapidly around the surface, preventing local melting. ### Typical Specifications for this Class * **Rated Voltage:** Usually 12kV to 24kV. * **Rated Current:** Typically 630A to 1250A. * **Short-circuit Breaking:** 20kA to 31.5kA. ---
    ✨ Follow-up Questions
    • ⤷ What are the main maintenance requirements for a vacuum interrupter?
    • ⤷ How do you test the integrity of the vacuum in this specific model?
    • ⤷ What are the common failure modes for high-voltage circuit breaker components?