AVH-25LSFO502604
AI

It appears you are inquiring about a specific electronic component or assembly identified by the part number **AVH-25LSFO502604**.
This part number is characteristic of **Electrolytic Capacitors**, specifically surface-mount (SMD) aluminum electrolytic types often manufactured by brands like **Lelon** or **Samxon**.
---
### 1. Technical Specification Breakdown
Based on standard naming conventions for this series, here is the technical breakdown of the part:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Series** | AVH | High temperature, long-life SMD series. |
| **Voltage (WV)** | 25V | Rated for a maximum working voltage of 25 Volts DC. |
| **Capacitance** | 50µF - 260µF* | The digits suggest a capacitance value (often 50-260 range depending on the specific vendor suffix). |
| **Configuration** | LS (Low ESR) | Optimized for low equivalent series resistance. |
| **Mounting Type** | SMD/V-Chip | Designed for surface mount technology on PCBs. |
*Note: Part numbers can vary slightly by manufacturer. Typically, "25" refers to the Voltage and the following digits refer to the Capacitance in microfarads (µF).*
---
### 2. Key Features of the AVH Series
The AVH prefix typically denotes a specific class of automotive or industrial grade capacitors:
* **Temperature Tolerance:** Usually rated for **-40°C to +105°C** (or +125°C in some variants).
* **Longevity:** Designed for high endurance, often rated for 2,000 to 5,000 hours at maximum temperature.
* **Vibration Resistance:** The "V-Chip" design often includes anti-vibration bases for use in automotive electronics.
* **Reflow Soldering:** Compatible with lead-free reflow soldering profiles.
---
### 3. Common Applications
These electronic parts are generally found in the following circuits:
1. **DC-DC Converters:** Filtering input/output noise.
2. **Automotive ECU:** Power management for engine control units or infotainment systems.
3. **LED Lighting Drivers:** Smoothing the current for consistent light output.
4. **Telecommunications:** Power buffering in base station equipment.
---
### 4. Replacement and Cross-Reference
If you are looking for a replacement, ensure the following parameters match or exceed the original:
```markdown
1. Capacitance (µF): Must be identical.
2. Voltage (V): Can be equal or higher (e.g., a 35V cap can replace a 25V cap).
3. Temperature: Must be equal or higher (e.g., 105°C).
4. Physical Size: Measure the diameter (D) and height (L) to ensure it fits the PCB footprint.
```
- ⤷What is the exact capacitance value for this specific part number?
- ⤷ Can I replace a 25V capacitor with a 50V capacitor in this circuit?
- ⤷ Which manufacturers produce the AVH series of SMD capacitors?