Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AVH-25LSFP3241604

  • AI
    The part number **AVH-25LSFP3241604** appears to be a specialized component, likely a **Thin Film Chip Resistor** or a specific **High-Voltage/Precision Resistor** network, often used in automotive or industrial power electronics. Based on standard naming conventions for electronic components of this type (such as those from manufacturers like Viking Tech or similar high-precision firms), here is the breakdown of its technical characteristics: --- ### Component Specifications Breakdown | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `AVH` | Likely stands for **Anti-Sulfur** or **High-Voltage** Automotive Grade. | | **Size** | `25` | Refers to the physical package size (e.g., 1210 or 2512 metric/imperial equivalent). | | **Tolerance** | `L` | Typically indicates a precision tolerance, often **±0.01%** or **±0.1%**. | | **Temp. Coefficient** | `S` | TCR (Temperature Coefficient of Resistance), likely **±5ppm/°C** or **±10ppm/°C**. | | **Power Rating** | `F` | Standard code for power dissipation capacity. | | **Resistance Value** | `3241` | The numerical resistance: **3.24 kΩ** (324 followed by 1 zero). | | **Packaging/Special** | `604` | Manufacturing batch, internal code, or tape-and-reel specifications. | --- ### Core Electronic Functions 1. **Precision Voltage Division**: Due to the high precision (implied by the 'L' and 'S' codes), this part is used in circuits where exact voltage reference is required. 2. **Thermal Stability**: The component is designed to maintain its resistance value even as the device heats up, preventing "drift" in the circuit's performance. 3. **Automotive Reliability**: Parts with these prefixes are usually **AEC-Q200 qualified**, meaning they can withstand extreme vibrations, thermal cycling, and harsh environments. --- ### Typical Applications * **BMS (Battery Management Systems):** Monitoring cell voltages in electric vehicles. * **Inverters:** High-stability feedback loops for DC-AC conversion. * **Industrial Controls:** Precision sensors and instrumentation where signal integrity is critical. * **Medical Equipment:** Low-noise, high-accuracy measurement circuits. --- ### Technical Summary Table | Feature | Attribute | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) Resistor | | **Material** | Thin Film (Metal Film) | | **Grade** | Automotive / Industrial Grade | | **Mounting** | SMT (Surface Mount Technology) | ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the AVH series resistors?
    • ⤷ What is the specific wattage rating for the 'F' power code in this series?
    • ⤷ How does the anti-sulfur property benefit automotive electronics?