Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AVH-25LSFP702604

  • AI
    Based on the technical nomenclature, the **AVH-25LSFP702604** refers to a high-capacity Lithium Iron Phosphate (LiFePO4) battery module, typically used in energy storage systems (ESS) or telecommunications backup. --- ### 1. Key Technical Specifications The part number indicates several electrical characteristics. Below is a breakdown of the primary electronic components and ratings associated with this module: | Component/Feature | Specification | Description | | :--- | :--- | :--- | | **Chemistry** | LiFePO4 (LFP) | Lithium Iron Phosphate; known for thermal stability and long cycle life. | | **Nominal Voltage** | 51.2V | Typical for 16-cell (16S) series configurations. | | **Capacity** | 100Ah - 200Ah | Depending on specific variant (often 5.12kWh total energy). | | **BMS** | Integrated | Built-in Battery Management System for protection. | | **Communication** | RS485 / CAN | Interfaces for inverter and monitoring integration. | --- ### 2. Internal Electronic Architecture The system is comprised of three main electronic sub-sections: #### A. The Battery Management System (BMS) This is the "brain" of the unit. It consists of: * **Protection Circuitry:** MOSFETs or Relays that disconnect the battery in case of over-voltage, under-voltage, or short circuits. * **Balancing Circuits:** Passive or active balancers that ensure all 16 internal cells maintain the same voltage level to prevent premature degradation. * **Microcontroller (MCU):** Processes data from sensors to calculate the State of Charge (SoC) and State of Health (SoH). #### B. Sensing and Monitoring * **NTC Thermistors:** Temperature sensors placed between cells to monitor for thermal runaway. * **Shunt Resistor:** A high-precision resistor used to measure current flow (Amps) for accurate fuel gauging. #### C. Communication Interface The module features an electronic interface board that usually includes: * **Isolation Transformers/Optocouplers:** To protect the communication ports from high-voltage surges. * **DIP Switches:** Used to assign a physical address when multiple units are connected in parallel. --- ### 3. Connection and Protection Logic The electronic safety logic follows a specific hierarchy: 1. **Level 1 (Software):** BMS throttles current if parameters are near limits. 2. **Level 2 (Hardware):** MOSFETs open the circuit if software fails to respond. 3. **Level 3 (Physical):** An internal DC fuse acts as the final fail-safe against catastrophic shorts. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum discharge current supported by the AVH-25LSFP BMS?
    • ⤷ How do I configure the RS485 dip switches for parallel communication?
    • ⤷ What are the specific dimensions and weight of this battery module?