Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BCL453232-R33M

  • AI
    ### BCL453232-R33M: Electronic Component Overview The **BCL453232-R33M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in power management and signal conditioning circuits to provide high impedance at specific frequencies or for energy storage. --- ### 1. Part Number Breakdown The alphanumeric code follows a standard industry format for passive components: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **BCL** | Series Name | High-current/General purpose wire-wound inductor. | | **453232** | Case Size | Metric dimensions: 4.5mm x 3.2mm x 3.2mm (EIA 1812). | | **R33** | Inductance Value | R represents decimal: 0.33 microhenries (µH). | | **M** | Tolerance | Standard industry tolerance of ±20%. | --- ### 2. Technical Specifications Typical values for the BCL453232 series with an R33 value: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Low (typically < 0.20 Ω to minimize power loss). * **Rated Current:** High (often 500mA to 1000mA depending on the specific manufacturer). * **Operating Temperature:** Generally -40°C to +125°C. * **Construction:** Wire-wound on a ceramic or ferrite core with a resin molded finish for protection. --- ### 3. Key Features and Applications #### Features: * **High Q Factor:** Excellent performance at high frequencies. * **Compact Form Factor:** The 1812 (4532 metric) size offers a balance between power handling and board space. * **Durability:** The molded design provides excellent mechanical strength and resistance to humidity. #### Typical Applications: 1. **Power Supplies:** Used in DC-DC converters to smooth current ripples. 2. **EMI Suppression:** Filtering high-frequency noise in signal lines. 3. **Consumer Electronics:** Found in laptops, tablets, and communication equipment. 4. **Automotive:** Used in non-safety critical infotainment systems (if AEC-Q200 qualified). --- ### 4. Comparison with Alternative Parts If this part is unavailable, engineers typically look for inductors in the **1812 package** with similar DCR and saturation current ratings. ```markdown Comparison Table: | Feature | BCL453232-R33M | Standard Multilayer Inductor | | :--- | :--- | :--- | | Current Handling | Higher | Lower | | DCR | Lower | Higher | | Frequency Stability | High | Moderate | ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent substitute parts for the BCL453232 series?
    • ⤷ How does the 'M' tolerance impact performance in high-frequency circuits?
    • ⤷ What is the typical self-resonant frequency (SRF) for a 0.33uH wire-wound inductor?