Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BL-R3132A-T

  • AI
    ## Overview of BL-R3132A-T The **BL-R3132A-T** is a highly integrated, low-power Wi-Fi module designed for IoT (Internet of Things) applications. It is based on the **Realtek RTL8188EUS** chipset and provides a complete solution for a wireless local area network (WLAN). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11b/g/n | | **Chipset** | Realtek RTL8188EUS | | **Interface** | USB 2.0 | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX/IPX connector or Pin out) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### 2. Major Electronic Components & Architecture The module consists of several critical subsystems integrated into a small Form Factor: 1. **Main SoC (RTL8188EUS):** * Acts as the brain of the module. * Contains the MAC (Media Access Control), Baseband processor, and RF transceiver. 2. **Crystal Oscillator:** * Usually a **40MHz** crystal that provides the clock frequency required for the RF and processing functions. 3. **Power Management Unit (PMU):** * Internal LDOs (Low Dropout Regulators) convert the 3.3V input to lower voltages required by the core logic. 4. **RF Front End:** * Includes filters (Band Pass Filters) to minimize interference and a Power Amplifier (PA) for signal transmission. 5. **EEPROM / Flash Interface:** * Stores MAC addresses and configuration data specific to the module's calibration. --- ### 3. Pin Configuration (Common Layout) While specific board layouts can vary slightly, the standard pinout for this module class typically includes: | Pin Name | Function | Description | | :--- | :--- | :--- | | **3.3V** | Power | Main power supply input | | **GND** | Ground | Common ground reference | | **USB_D+** | Data | USB positive differential signal | | **USB_D-** | Data | USB negative differential signal | | **WPS/GPIO** | Control | Configurable I/O for Wi-Fi Protected Setup | | **CHIP_EN** | Control | Enable/Disable the module (Active High) | --- ### 4. Implementation Use Cases * **Smart Home:** IP Cameras, Smart Plugs, and Set-top boxes. * **Industrial:** Wireless sensors and gateways. * **Consumer Electronics:** Handheld gaming consoles and portable printers. ---
    ✨ Follow-up Questions
    • What are the driver requirements for the RTL8188EUS chipset in Linux environments?
    • Can this module be used in Access Point (AP) mode?
    • How does the power consumption of this module compare to modern WiFi-6 modules?