Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BL-R4133

  • AI
    The **BL-R4133** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is designed around the **Realtek RTL8188FTV** chipset and is commonly used in consumer electronics to provide Wi-Fi connectivity via a USB interface. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Host Interface** | USB 2.0 | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.4GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna** | External (via IPEX/MHF or Solder Pad) | --- ### 2. Core Electronic Components The module's architecture is built on several critical electronic subsystems: #### A. The RTL8188FTV SoC The heart of the module is the **System on Chip (SoC)**. It combines: * **MAC (Media Access Control):** Handles the wireless protocols and data framing. * **Baseband Processor:** Manages digital signal processing. * **RF Transceiver:** Handles the transmission and reception of radio waves. #### B. Frequency Control (Crystal Oscillator) The module typically includes a **40MHz Crystal Oscillator**. This component provides the precise clock signal required for the RF carrier frequency and the digital timing of the chipset. #### C. Power Management Unit (PMU) Because the module operates at 3.3V, it contains internal regulators and decoupling capacitors to ensure stable power delivery. This prevents electrical noise from the host device (like an Android TV box) from interfering with the wireless signal. #### D. Front-End Components * **RF Filter:** A band-pass filter that ensures only 2.4GHz signals are processed, blocking interference from other frequencies. * **Impedance Matching Circuit:** A network of small capacitors and inductors that matches the output of the chip to 50 ohms for the antenna, maximizing signal strength. --- ### 3. Pinout and Connectivity The BL-R4133 usually features a small form-factor pin header or solder pads. The most critical pins are: 1. **VDD:** 3.3V Power Supply. 2. **USB_D-:** USB Data Minus. 3. **USB_D+:** USB Data Plus. 4. **GND:** Ground. 5. **RF_ANT:** The output path to the Wi-Fi antenna. 6. **CHIP_EN / SUSPEND:** Controls power-saving modes or module resets. --- ### 4. Typical Applications * **OTT/IPTV Boxes:** Providing internet access to smart TV units. * **IP Cameras:** Transferring video data wirelessly. * **Small Single Board Computers (SBCs):** Adding Wi-Fi to low-power embedded systems. * **Printers:** Enabling wireless printing features. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the RTL8188FTV and the RTL8188EUS chipsets?
    • ⤷How do I connect an external antenna to the BL-R4133 module?
    • ⤷Does the BL-R4133 support Linux and Android drivers?