Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BL-R4532D

  • AI
    The **BL-R4532D** is a highly integrated IEEE 802.11b/g/n Wireless Local Area Network (WLAN) module, commonly used in embedded systems, smart appliances, and networking peripherals. It is based on the **Realtek RTL8188EUS** or similar chipset architectures. --- ## 1. Technical Specifications Below are the core electronic characteristics of the BL-R4532D module: | Feature | Specification | |:---|:---| | **Interface** | USB 2.0 (High Speed) | | **Wireless Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Frequency Range** | 2.4GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via I-PEX/U.FL connector or PCB pad) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ## 2. Key Components & Architecture The module consists of several critical electronic sub-systems: ### A. Main Chipset (SoC) The heart of the module is usually the **Realtek RTL8188**. This IC integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF Radio into a single chip. ### B. RF Front End * **Power Amplifier (PA):** Boosts the signal for transmission to reach the required range. * **Low Noise Amplifier (LNA):** Increases the sensitivity of the receiver to capture weak signals. * **RF Switch:** Switches between transmit (TX) and receive (RX) modes. ### C. Clock Circuitry The module includes a high-precision **Crystal Oscillator** (typically 40MHz) to provide the base frequency for the RF synthesizer and digital logic. ### D. Power Management Internal LDOs (Low-Dropout Regulators) convert the incoming 3.3V supply into lower voltages (such as 1.2V) required by the core logic of the chipset. --- ## 3. Pinout Description Typical pin configurations for the BL-R4532D (often a 4-pin or 6-pin interface for USB): | Pin Name | Function | Description | |:---|:---|:---| | **VDD** | Power Supply | 3.3V Input | | **USB_D-** | Data Minus | Differential USB Data Line | | **USB_D+** | Data Plus | Differential USB Data Line | | **GND** | Ground | Common Reference | | **RF_ANT** | Antenna Port | Connection to external 50Ω antenna | --- ## 4. Implementation Example To interface this module with an MCU (like an STM32 or Raspberry Pi) via the USB protocol, you would typically follow this wiring logic: ```c /* Pseudocode logic for Module Initialization */ void setup_wifi_module() { power_on_3v3(); // Supply stable 3.3V usb_enumerate(); // Wait for USB host to recognize Realtek VID/PID load_driver("8188eu"); // Load specific Linux/RTOS kernel module } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels during active transmission for this module?
    • ⤷ Can the BL-R4532D operate in Access Point (AP) mode?
    • ⤷ What are the common antenna options for the I-PEX connector on this board?