Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BL-R4539A

  • AI
    ## Overview of the BL-R4539A Module The **BL-R4539A** is a highly integrated, low-power **Wi-Fi + Bluetooth (dual-mode)** module. It is commonly used in Internet of Things (IoT) devices, smart appliances, and industrial controllers where wireless connectivity is required in a small footprint. --- ### 1. Key Electronic Specifications The module is typically built around a Realtek chipset (often the **RTL8720** or similar series) designed for high-performance wireless communication. | Feature | Specification | | :--- | :--- | | **Connectivity** | Wi-Fi 802.11b/g/n + Bluetooth (v4.2/5.0) | | **Frequency Range** | 2.4 GHz - 2.4835 GHz | | **Operating Voltage** | 3.3V (±10%) | | **Interface Support** | UART, GPIO, PWM, I2C, SPI | | **Antenna Type** | On-board PCB Antenna or IPEX connector option | | **Operating Temp** | -20°C to +70°C | --- ### 2. Core Electronic Components #### A. The SoC (System on Chip) The heart of the module is a microcontroller that manages the radio frequencies (RF) and data processing. It usually includes: * **CPU:** A high-speed processor (like ARM Cortex-M4 or M33) to handle application logic. * **Memory:** Integrated SRAM and Flash for firmware storage. #### B. RF Front-End This section includes the circuitry necessary for sending and receiving signals: * **Band-pass Filters:** To reduce interference from other electronics. * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity for receiving weak signals. #### C. Power Management Unit (PMU) The module contains internal LDOs (Low Drop-Out regulators) to convert the 3.3V input into the lower voltages required by the internal core logic (often 1.1V or 1.8V). --- ### 3. Pinout and Hardware Interfaces The BL-R4539A usually features a surface-mount design (LGA or Stamp-hole). | Pin Type | Function | | :--- | :--- | | **VCC / GND** | Power supply (3.3V) and Ground. | | **TX / RX** | UART pins used for serial communication and AT commands. | | **GPIO** | General Purpose I/O for controlling LEDs, sensors, or relays. | | **CHIP_EN** | Enable pin to turn the module on or off for power saving. | --- ### 4. Typical Applications * **Smart Home:** Smart plugs, light bulbs, and thermostats. * **Industry:** Wireless sensors and data loggers. * **Consumer:** Wireless audio transmission and remote control devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate for the BL-R4539A?
    • ⤷ Does this module support Wi-Fi 5 (5GHz) or only 2.4GHz?
    • ⤷ What are the common AT commands used to configure this module?