Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BML0603-R082K

  • AI
    The **BML0603-R082K** is a surface-mount multilayer chip inductor. This specific part number follows standard industry naming conventions, typically associated with manufacturers like Chilisin or similar high-frequency component specialists. --- ### 1. Part Number Breakdown The nomenclature provides specific details about the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **BML** | Series Type | Multilayer Ferrite Chip Inductor (General Purpose) | | **0603** | Case Size | 0603 Imperial (1.6mm x 0.8mm) | | **R082** | Inductance Value | **0.082 µH** (or 82 nH) | | **K** | Tolerance | **±10%** | --- ### 2. Technical Specifications Below are the typical electrical parameters for this class of inductor: * **Inductance:** 82 nH (0.082 µH) * **Tolerance:** ±10% * **Self-Resonant Frequency (SRF):** Typically > 200 MHz * **DC Resistance (DCR):** Low (typically < 0.50 Ω) * **Rated Current:** Generally ranges between 100mA to 300mA depending on the specific manufacturer datasheet. * **Operating Temperature:** -40°C to +85°C (or +125°C for automotive grades). --- ### 3. Key Features & Construction 1. **Multilayer Structure:** Unlike wire-wound inductors, these are made by layering ceramic/ferrite materials and conductive paste. This results in a compact, monolithic structure with high reliability. 2. **Magnetic Shielding:** The multilayer design provides a closed magnetic circuit, which minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. 3. **No Directivity:** These components generally do not have a specific polarity, making them easy to place during high-speed SMT (Surface Mount Technology) assembly. --- ### 4. Common Applications The BML0603-R082K is primarily used for signal conditioning and noise suppression in high-frequency circuits: * **Mobile Electronics:** Smartphones and tablets for RF resonance and decoupling. * **EMI Suppression:** Used in I/O lines to prevent high-frequency noise from entering or leaving the system. * **WLAN/Bluetooth Modules:** Filtering and matching in 2.4GHz and other communication bands. * **Computer Peripherals:** Filtering on motherboards and high-speed data buses. --- ### 5. Land Pattern (Footprint) For PCB design, use the standard 0603 (1608 Metric) footprint: ```text Dimension | Millimeters (mm) | Inches (in) ----------|------------------|------------ Length (L)| 1.60 ± 0.15 | 0.063 ± 0.006 Width (W) | 0.80 ± 0.15 | 0.031 ± 0.006 Height (T)| 0.80 ± 0.15 | 0.031 ± 0.006 ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ Can this part be used in high-power power supply circuits?
    • ⤷ What are the common alternatives for the BML0603-R082K?