Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • BTF-37WHCS-BW-R

  • AI
    The **BTF-37WHCS-BW-R** is a specific model of an **Electromagnetic Buzzer** (Solenoid Type). These components are widely used in consumer electronics, automotive alerts, and industrial panels to provide audible feedback. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Type** | Electromagnetic (Transducer) | | **Rated Voltage** | 1.5V - 12V (Model dependent, typically 3V or 5V) | | **Operating Voltage** | 1.0V ~ 15V DC | | **Rated Current** | Max 40mA - 80mA | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2,700Hz ± 300Hz | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Internal Electronic Structure The device operates on the principle of electromagnetism. It consists of several key sub-components: * **Electromagnetic Coil:** A fine copper wire winding that creates a magnetic field when current passes through it. * **Permanent Magnet:** Provides a static magnetic field to interact with the coil's field. * **Vibrating Diaphragm:** A thin metal plate (usually iron or a magnetic alloy) that moves rapidly back and forth to create sound waves. * **Housing:** A plastic casing (often PBT or ABS) designed to act as a resonance chamber to amplify the sound. --- ### 3. Circuit Integration Since this model is typically a **Transducer** type (rather than an indicator), it requires an external oscillating circuit to function. #### Driving Circuit Example: To drive this part using a microcontroller (like an Arduino or ESP32), a transistor switching circuit is required because the buzzer draws more current than a GPIO pin can safely provide. ```cpp // Example: Generating a 2.7kHz tone int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2700); // Send 2.7KHz square wave delay(1000); noTone(buzzerPin); delay(1000); } ``` --- ### 4. Part Number Breakdown (Suffix Meaning) * **BTF:** Series identifier (High-performance Electromagnetic). * **37:** Physical diameter/size code. * **WH:** High-profile/Waterproof housing characteristics (often indicates top-opening). * **CS:** Pin/Terminal configuration (likely PC-Pin type for PCB mounting). * **BW-R:** Compliance and packaging codes (RoHS compliant). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a transducer buzzer and an indicator buzzer?
    • ⤷ Can this buzzer be driven directly from a 5V power supply without a square wave?
    • ⤷ What are the recommended transistor circuits for driving electromagnetic buzzers?