BUTW92
AI

The **BUTW92** is a high-power NPN Silicon Multiepitaxial Mesa Transistor. It is specifically designed for heavy-duty industrial applications requiring high voltage and high current handling capabilities. It is commonly housed in the **TO-240** (often referred to as ISOTOP) package.
---
### ## 1. Key Technical Specifications
The BUTW92 is known for its robustness. Below are the typical maximum ratings and electrical characteristics:
| Parameter | Symbol | Rating | Unit |
| :--- | :---: | :---: | :---: |
| Collector-Emitter Voltage ($V_{BE} = 0$) | $V_{CES}$ | 450 | V |
| Collector-Emitter Voltage ($I_B = 0$) | $V_{CEO}$ | 250 | V |
| Continuous Collector Current | $I_C$ | 50 | A |
| Peak Collector Current | $I_{CM}$ | 75 | A |
| Total Dissipation ($T_C = 25^\circ C$) | $P_{tot}$ | 180 | W |
| Max Operating Junction Temperature | $T_j$ | 150 | $^\circ$C |
---
### ## 2. Core Features
* **ISOTOP (TO-240) Package:** This package features an internal ceramic insulation. This means the metal mounting base is electrically isolated from the transistor terminals, allowing multiple components to be mounted on the same heatsink without short circuits.
* **High Switching Speed:** Despite its high current rating, the BUTW92 is designed for fast switching transitions, reducing energy loss during operation.
* **Low Saturation Voltage:** It maintains a low $V_{CE(sat)}$, which minimizes heat generation during the "ON" state.
* **High Current Capability:** Capable of handling up to 50A continuously, making it suitable for motor control and heavy power supplies.
---
### ## 3. Typical Applications
The BUTW92 is primarily found in power conversion and control systems:
1. **Switching Regulators:** Used in high-power DC-DC converters.
2. **Motor Controls:** Ideal for driving large DC motors or as part of inverter circuits for AC motors.
3. **UPS (Uninterruptible Power Supplies):** Used in the power stage to convert battery power to AC.
4. **Welding Equipment:** Its high current tolerance makes it suitable for electronic welding inverters.
5. **Solenoid and Relay Drivers:** Handling high-inductive loads in industrial automation.
---
### ## 4. Connection Diagram (Standard NPN)
The pinout for the TO-240 package typically follows this logical structure:
```text
[ Terminal 1 ] --- Base
[ Terminal 2 ] --- Emitter
[ Terminal 3 ] --- Collector
[ Terminal 4 ] --- Emitter (often used for Kelvin sensing)
```
---
- ⤷What are the primary differences between BUTW92 and standard TO-3 power transistors?
- ⤷ How does the ISOTOP package help with thermal management in industrial circuits?
- ⤷ What are the safe operating area (SOA) considerations for BUTW92?