Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • C30-R3

  • AI
    The **C30-R3** typically refers to the **Arduino Uno R3 (Revision 3)**, which is based on the ATmega328P microcontroller. In electronics manufacturing and documentation, "C30" and "R3" usually represent a specific Capacitor and Resistor pair within a schematic, but in the context of common development boards, it is often a reference to the **Uno R3** architecture. Below is a breakdown of the core electronic parts found on this board. --- ### 1. Primary Microcontroller (The Brain) The heart of the R3 is the **ATmega328P**. It is an 8-bit AVR RISC-based microcontroller. | Component | Specification | Function | | :--- | :--- | :--- | | **Microcontroller** | ATmega328P | Executes the uploaded code. | | **Flash Memory** | 32 KB | Stores the program (0.5 KB used for bootloader). | | **SRAM** | 2 KB | Volatile memory for variables. | | **Clock Speed** | 16 MHz | Crystal oscillator for timing. | --- ### 2. Power Management Circuitry The board is designed to handle various voltage inputs safely. * **Voltage Regulator (AMS1117):** Drops the input voltage (from the DC jack) down to a stable 5V. * **C30 & R3 (Schematic References):** * **C30 (Capacitor):** Usually a decoupling or filtering capacitor (often 100nF or 10uF) used to stabilize the power line and filter out high-frequency noise. * **R3 (Resistor):** Often a pull-up resistor (10k ohms) or part of an LED current-limiting circuit. In the official Arduino R3 schematic, **R3** is a 1M ohm resistor used in the crystal oscillator circuit to help it start oscillating. --- ### 3. USB-to-Serial Communication Unlike older versions, the R3 uses a dedicated chip for USB communication instead of an FTDI chip. | Part | Type | Purpose | | :--- | :--- | :--- | | **ATmega16U2** | Microcontroller | Converts USB signals into Serial data for the ATmega328P. | | **USB Type-B Port** | Connector | Provides power and data connection to the PC. | --- ### 4. Input/Output (I/O) Headers The R3 features standard 2.54mm pitch headers for connecting components: * **Digital Pins (0-13):** Include PWM (Pulse Width Modulation) pins for controlling motor speed or LED brightness. * **Analog Pins (A0-A5):** Used for reading sensors (0V to 5V). * **Power Pins:** 3.3V, 5V, GND, and Vin. --- ### 5. Protection Components * **Polyfuse:** A resettable fuse that protects your computer's USB port from overcurrent or shorts. * **D1 (Diode):** Protects the board from reverse polarity if the power supply is connected backward. ### Summary Schematic Overview ```cpp // Common R3 Pin Mapping #define LED_PIN 13 // Built-in LED connected to Digital Pin 13 #define SENSOR_A0 0 // Analog input 0 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific function of the R3 resistor in the crystal oscillator circuit?
    • ⤷ How do the C30 and other decoupling capacitors improve circuit stability?
    • ⤷ What are the power limitations of the onboard 5V regulator?