Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • C321-R

  • AI
    The **C321-R** typically refers to a specific series or model of an electronic component, most commonly associated with **Electromagnetic Relays** or high-capacity **Ceramic Capacitors** depending on the manufacturer (such as Coto Technology or TDK). In the context of industrial electronics, the C321-R is most frequently identified as a **Reed Relay** or a variant of a **Solid State Relay (SSR)** component. Below is a breakdown of the electronic characteristics and specifications. --- ### 1. General Specifications The "R" suffix usually denotes a specific feature such as **RoHS Compliance**, a **Resistor** inclusion, or a **Reverse** pinout configuration. | Feature | Description | | :--- | :--- | | **Component Type** | Reed Relay / Switch Component | | **Contact Form** | Typically 1 Form A (SPST-NO) | | **Coil Voltage** | Usually 5V or 12V DC | | **Switching Voltage** | Up to 200V - 500V (Model dependent) | | **Package Style** | SIP (Single In-line Package) or DIP | --- ### 2. Key Internal Components The architecture of a C321-R relay involves several critical electronic parts: * **The Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass tube. They close in the presence of a magnetic field. * **The Electromagnetic Coil:** A copper winding that creates the magnetic field when current flows through it. * **Suppression Diode (Optional):** Often integrated to protect the driving circuit from "back EMF" (voltage spikes) when the coil is turned off. * **Magnetic Shielding:** An outer metal shell that prevents electromagnetic interference (EMI) from affecting nearby components. --- ### 3. Usage & Applications The C321-R series is valued for its high isolation and fast switching speeds. 1. **Automated Test Equipment (ATE):** Used to route signals between the device under test and the measuring instruments. 2. **Instrumentation:** Ideal for low-level signal switching where low contact resistance is required. 3. **Telecommunications:** Used in line switching and signal distribution. 4. **Security Systems:** Integrated into sensors and control panels. --- ### 4. Technical Pinout (Typical) *Note: Always verify with the specific manufacturer datasheet (e.g., Coto Technology).* ```text Pin 1: Coil (+) Pin 2: Common / Contact Pin 3: Contact / Normally Open Pin 4: Coil (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the C321-R a surface mount (SMD) or through-hole (THT) component?
    • ⤷ What is the maximum switching current for this specific part?
    • ⤷ How does a Reed Relay differ from a standard electromechanical relay?