Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CA-R

  • AI
    It appears you are referring to the **CA-R** series, which is a common prefix for various industrial electronic components. Depending on the industry, "CA-R" typically refers to **Circular Connectors** (like those from ITT Cannon or Amphenol) or specific **Controller/Relay units**. Below is an overview of the electronic characteristics and parts associated with the **CA-R Industrial Connector** series, which is the most prominent electronic component with this designation. --- ## 1. Core Component: CA-R Circular Connectors These are heavy-duty, threaded connectors used for power and signal transmission in harsh environments. ### Key Internal Parts | Part Name | Description | Material/Function | | :--- | :--- | :--- | | **Contact Pins** | The conductive elements that carry current. | Copper alloy (often Gold or Silver plated) | | **Insulator** | Holds the pins in place and prevents short circuits. | Polychloroprene or high-grade synthetic rubber | | **Coupling Nut** | The outer ring that threads onto the receptacle. | Aluminum alloy (Cadmium or Zinc plated) | | **Grommet** | Provides environmental sealing at the wire entry. | Moisture-resistant elastomers | | **Backshell** | Protects the cable-to-connector interface. | Metal casing with strain relief | --- ## 2. Technical Specifications The "CA-R" designation usually implies specific performance standards (often MIL-DTL-5015 compliant). ### Electrical Properties * **Voltage Rating:** Typically ranges from 200V to 3000V AC (RMS) depending on contact spacing. * **Current Capacity:** Varies by pin size (e.g., #16 pins handle ~13A, while #0 pins handle up to 150A). * **Insulation Resistance:** Usually 5000 Megohms minimum. ### Mechanical Properties * **Mating Cycles:** Designed for 500+ cycles. * **Vibration Resistance:** High-grade locking mechanisms to prevent decoupling. * **Environmental Protection:** Often rated **IP67 or IP68** when mated. --- ## 3. Part Number Breakdown (Example) Understanding the "CA-R" nomenclature helps identify the specific electronic configuration: 1. **Prefix (CA):** Cannon/Commercial Series. 2. **Modification (R):** Often denotes **Environmental Resistance** (Lightweight/Sealed). 3. **Shell Style:** (e.g., 06 = Straight Plug, 02 = Box Mount). 4. **Layout:** The specific number and arrangement of pins (e.g., 18-1 indicates 10 pins). 5. **Contact Type:** P (Pin/Male) or S (Socket/Female). --- ## 4. Alternative: CA-R Controllers/Relays In some automotive or HVAC contexts, **CA-R** refers to a **Control Relay** module. * **Coil Side:** Uses a copper winding to create a magnetic field. * **Switch Side:** Uses silver-oxide contacts to open/close high-current circuits. * **Internal Protection:** Often includes a **Flyback Diode** to prevent voltage spikes from damaging the main ECU. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the ITT Cannon CA-R connector series or a specific automotive relay?
    • ⤷ What is the specific application (aerospace
    • ⤷ industrial
    • ⤷ or automotive) for this part?
    • ⤷ Do you need the wiring pinout diagram for a specific CA-R shell size?