CB315FP-R
AI

The **CB315FP-R** is a specific model of a **Main Power Supply Board (PSU)**, commonly used in LED televisions, particularly those manufactured by brands like **Sceptre**. It is responsible for converting AC wall power into the specific DC voltages required by the TV's internal components.
---
### 1. Technical Specifications Overview
| Component Feature | Details |
| :--- | :--- |
| **Part Type** | Main Power Supply Unit (PSU) |
| **Input Voltage** | 100V - 240V AC (~50/60Hz) |
| **Board Number** | CB315FP-R / AY065P-4SF01 |
| **Output Voltages** | 12V DC (Main), 5V DC (Standby), LED Backlight Voltage |
| **Application** | 32-inch to 40-inch LED TVs |
---
### 2. Key Electronic Sections
The board is divided into several functional blocks that work together to power the display:
#### A. Input & EMI Filter Section
This is the "Hot" side of the board. It includes:
* **Fuse:** Protects the board from overcurrent.
* **Varistor (MOV):** Protects against voltage spikes or lightning.
* **Bridge Rectifier:** Converts AC input to a pulsating DC voltage.
#### B. Switching Regulation (SMPS)
This section uses a **Pulse Width Modulation (PWM)** controller and a **MOSFET** to "switch" the high-voltage DC through a transformer. This allows for high efficiency and a smaller physical size compared to traditional linear transformers.
#### C. Secondary Output Section
On the "Cold" side (isolated from the AC wall power), the board provides:
* **Main Logic Power:** Usually **12V** to power the main motherboard and audio chips.
* **Standby Power:** Often **5V** to keep the IR receiver and processor active while the TV is "off."
#### D. LED Driver (Backlight Circuit)
The CB315FP-R features an integrated **Constant Current LED Driver**. This circuit boosts the voltage to the level required by the LED strips (backlights) inside the panel and regulates the current to ensure consistent brightness.
---
### 3. Common Failure Symptoms
If this specific board fails, the TV will usually exhibit the following behaviors:
1. **No Power:** The TV is completely dead; no standby light is visible.
2. **No Backlight:** The TV turns on (sound is present), but the screen remains black. You may see a faint image if you shine a flashlight on the screen.
3. **Power Cycling:** The TV starts to boot up but immediately shuts down or restarts.
---
### 4. Safety Warning
> **DANGER:** Power supply boards contain **High-Voltage Electrolytic Capacitors** that can hold a lethal charge even after the TV is unplugged. Always discharge the main capacitor before handling the underside of the board.
- ⤷
How do I test the output voltages on the CB315FP-R with a multimeter?
- ⤷ What are the common replacement part numbers for this board?
- ⤷ Can a faulty LED strip cause this power board to fail?