Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CC2500-RTR1

  • AI
    ## CC2500-RTR1 Overview The **CC2500-RTR1** is a low-cost, low-power 2.4 GHz transceiver designed for very low-power wireless applications. It is part of the Texas Instruments (TI) Chipcon product line and is widely used for short-range communication in the ISM (Industrial, Scientific, and Medical) band. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2400 - 2483.5 MHz (ISM Band) | | **Data Rate** | 1.2 to 500 kBaud | | **Operating Voltage** | 1.8V to 3.6V | | **Current Consumption (RX)** | 13.3 mA at 250 kBaud | | **Current Consumption (TX)** | 21.2 mA at 0 dBm output power | | **Sensitivity** | -104 dBm at 2.4 kBaud | | **Interface** | 4-wire SPI (Serial Peripheral Interface) | | **Modulation Formats** | 2-FSK, GFSK, MSK, and OOK | --- ### Main Electronic Components & Architecture The CC2500 is a highly integrated CMOS device. Its internal architecture consists of several critical stages: #### 1. RF Front-End * **Low Noise Amplifier (LNA):** Boosts the weak signals received from the antenna. * **Power Amplifier (PA):** Amplifies the signal before transmission to increase range. * **Mixer:** Converts the RF signal down to an intermediate frequency (IF). #### 2. Digital Baseband * **Modem:** Handles the modulation and demodulation of data. * **Packet Handling:** Supports automatic preamble generation, Sync Word insertion/detection, CRC (Cyclic Redundancy Check), and Address Check. * **FIFO Buffers:** Contains 64-byte TX and RX FIFOs to manage data flow between the MCU and the RF chip. #### 3. Frequency Synthesizer * Includes a fully integrated fractional-N synthesizer. * Requires an external crystal (typically 26-27 MHz) to generate the stable reference clock. --- ### Typical Application Circuit Requirements To build a functional module using the CC2500-RTR1, the following external electronic parts are usually required: 1. **Crystal Oscillator:** A 26 MHz crystal is the standard requirement for frequency stability. 2. **Decoupling Capacitors:** Small ceramic capacitors (100nF and 10pF) near the VCC pins to filter noise. 3. **Balun/Matching Network:** An LC (Inductor-Capacitor) network is necessary to match the differential output of the chip to a 50-ohm single-ended antenna. 4. **Microcontroller (MCU):** Any MCU with an SPI interface (like Arduino, STM32, or MSP430) to configure registers and handle data. --- ### Comparison: CC2500 vs. nRF24L01 | Feature | CC2500 | nRF24L01+ | | :--- | :--- | :--- | | **Configurability** | High (Deep register access) | Medium (Simple API) | | **Frequency Range** | Wide (2400-2483.5 MHz) | Fixed 2.4GHz bands | | **Modulation** | FSK, GFSK, MSK, OOK | GFSK only | | **Use Case** | Custom protocols / Hobbyist | Standardized P2P / Mesh |
    ✨ Follow-up Questions
    • ⤷ What are the register settings for basic 2.4kbps communication on the CC2500?
    • ⤷ Can you provide a schematic for the CC2500 matching network?
    • ⤷ How does the Wake-on-Radio (WOR) feature work in this chip?