Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CFAG1602A-RFE-JP

  • AI
    The **CFAG1602A-RFE-JP** is a specific character LCD module manufactured by Crystalfontz. This model belongs to the 16x2 character display family, commonly used in embedded systems due to its reliability and low power consumption. ### 1. Key Technical Specifications The electrical and mechanical characteristics define how the component interacts with a microcontroller (MCU). | Feature | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **Interface** | Parallel (8-bit or 4-bit) | | **Controller/Driver** | ST7066 (or compatible) | | **Supply Voltage (VDD)** | 3.0V to 5.0V (Typical 5.0V) | | **Backlight Type** | Red LED | | **Display Mode** | FSTN, Negative (Dark background, lit pixels) | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Pinout Configuration The module typically utilizes a 16-pin interface. The first 14 pins handle the data and power for the LCD, while pins 15 and 16 power the LED backlight. | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V or +3V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus lines | | 15 | A | Backlight Anode (+) | | 16 | K | Backlight Cathode (-) | --- ### 3. Core Electronic Components * **The Controller (ST7066):** This is the "brain" of the module. It handles the character generator ROM (CGROM), which contains the fonts. The "JP" suffix in the part number often indicates a Japanese font set (Katakana) is included in the ROM. * **Voltage Divider/Contrast Circuit:** Pin 3 (VO) requires a variable voltage to set the liquid crystal's orientation. Usually, a 10k Ohm potentiometer is connected between VDD and VSS, with the wiper going to Pin 3. * **Backlight Resistor:** The Red LED backlight (RFE) requires a current-limiting resistor. While some modules have them integrated, it is standard practice to calculate the resistor value based on the forward voltage ($V_f$) and desired current ($I_f$) to prevent burning out the LED. --- ### 4. Logic Connection Example For an Arduino or similar MCU, the wiring typically uses the 4-bit mode to save GPIO pins. ```cpp // Typical Arduino LiquidCrystal Library Pin Mapping #include // Initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("Crystalfontz!"); } void loop() { // Main logic } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum forward current for the Red LED backlight on this model?
    • ⤷ How do I calculate the contrast voltage for negative FSTN displays?
    • ⤷ Does the JP suffix change the command set compared to the standard CFAG1602A?