Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CFN1206-FX-R005ELF

  • AI
    ## Technical Overview of CFN1206-FX-R005ELF The **CFN1206-FX-R005ELF** is a high-precision, surface-mount (SMD) metal foil current sense resistor manufactured by Bourns. It is specifically designed for applications requiring high accuracy and stability when monitoring electrical current. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.005 Ohms (5 mΩ) | | **Tolerance** | ±1% (denoted by 'F') | | **Power Rating** | 1 Watt | | **Package Size** | 1206 (3.2 x 1.6 mm) | | **Technology** | Metal Foil | | **Temperature Coefficient (TCR)** | ±50 ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the component's characteristics: * **CFN**: Series name (Metal Foil Current Sense Resistor). * **1206**: Physical package size (Inches). * **F**: Tolerance code (F = ±1%). * **X**: Packaging code (Tape & Reel). * **R005**: Resistance value (0.005 Ω). * **E**: Termination type (RoHS compliant). * **LF**: Lead-Free. --- ### 3. Core Features and Benefits * **Metal Foil Construction:** Unlike standard thick-film resistors, metal foil provides superior stability, lower noise, and a lower Temperature Coefficient of Resistance (TCR). This ensures the resistance stays stable even as the part heats up. * **Low Resistance (Shunt):** At 5 mΩ, it creates a very small voltage drop, making it ideal for "shunting" current to measure it without significantly affecting the load. * **High Power Density:** Supporting 1W in a 1206 package is high for this form factor, allowing for compact PCB designs. --- ### 4. Common Applications This component is typically found in power management circuits where current flow needs to be monitored: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Control:** Detecting over-current conditions or managing torque. 4. **Power Supplies:** General-purpose current sensing for protection circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between metal foil and thick film resistors for current sensing?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ Are there AEC-Q200 qualified versions of this resistor for automotive use?