CM453232-R68ML
AI

The **CM453232-R68ML** is a wire-wound surface mount (SMD) chip inductor. It belongs to the 1812 case size category and is commonly used for signal filtering, resonance, and noise suppression in electronic circuits.
### 1. Technical Specifications
The part number follows a specific nomenclature. Here is the breakdown of the technical parameters:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Represented by "R68" |
| **Tolerance** | ±20% | Represented by "M" |
| **Case Size (Metric)** | 4532 | 4.5mm x 3.2mm |
| **Case Size (Imperial)** | 1812 | 0.18" x 0.12" |
| **Current Rating (Idc)** | ~450 mA | Maximum current before saturation/overheating |
| **DC Resistance (RDC)** | ~0.25 Ω | Resistance of the internal wire |
| **SRF** | ~280 MHz | Self-Resonant Frequency |
---
### 2. Part Number Breakdown
Understanding the code helps in identifying substitutes or similar components:
1. **CM**: Series prefix (typically Wire-wound Chip Inductor).
2. **453232**: Dimensions (Length 4.5mm, Width 3.2mm, Height 3.2mm).
3. **R68**: Inductance value. The "R" acts as a decimal point ($0.68$ microhenries).
4. **M**: Tolerance code ($M = \pm 20\%$, $K = \pm 10\%$, $J = \pm 5\%$).
5. **L**: Usually indicates Lead-free/RoHS compliance or specific packaging.
---
### 3. Key Construction & Features
* **Wire-Wound Core:** Consists of a copper wire wound around a ferrite or ceramic core. This provides higher Q-factors and higher current handling compared to multilayer inductors.
* **Encapsulation:** The "32" height indicates a molded or resin-coated body that protects the winding from mechanical stress and environmental moisture.
* **High Reliability:** Designed for automated surface mount assembly (Pick-and-Place).
---
### 4. Typical Applications
The CM453232-R68ML is versatile and found in:
* **Power Supplies:** Used in DC-DC converters for small-scale voltage regulation.
* **Filtering:** Low-pass filters to remove high-frequency noise in communication lines.
* **Telecommunications:** Modems, routers, and base station equipment.
* **Consumer Electronics:** TV tuners, video equipment, and camcorders.
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ How does the Q-factor affect the performance of this inductor in a circuit?
- ⤷ Can I substitute a R68K for a R68M in an existing design?