Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CMF-RLC50-10

  • AI
    The **CMF-RLC50-10** belongs to a specialized series of **Resettable Thermal Cut-Offs (TCOs)** or Polymeric Positive Temperature Coefficient (PPTC) devices, typically manufactured by companies like Bourns. These components are designed to protect circuits from both overcurrent and overtemperature conditions. ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | PPTC Resettable Fuse | | **Series** | CMF (Ceramic Multilayer/Chip) | | **Resistance ($R_{25}$)** | 50 Ohms (Nominal at 25°C) | | **Tolerance** | ±10% | | **Max Voltage ($V_{max}$)** | Typically rated for 230V - 600V (Application dependent) | | **Hold Current ($I_{hold}$)** | Low mA range (specifically calibrated for telecom) | --- ### 2. Functional Principles The CMF-RLC50-10 functions as a **Dual-Protection** device: 1. **Overcurrent Protection:** If the current flowing through the device exceeds its threshold, the internal material heats up via Joule heating ($I^2R$), causing its resistance to spike and limiting the current to a safe level. 2. **Overtemperature Protection:** Because it is a thermal component, it can also be "tripped" by an increase in ambient temperature, even if the current is low. This is vital for protecting sensitive equipment from overheating. 3. **Resettable Nature:** Unlike a standard fuse that blows and must be replaced, this device returns to a low-resistance state once the fault is cleared and the component cools down. --- ### 3. Physical Construction and Form Factor * **SMD Design:** The "RLC" designation usually refers to a Surface Mount Device (SMD) package, allowing for automated high-speed assembly on PCBs. * **Material:** It uses a ceramic-based PTC material which offers better stability and higher voltage ratings compared to polymer-based PTCs. --- ### 4. Common Applications These parts are predominantly found in telecommunications and industrial interfaces: * **Telecom Line Protection:** Protecting central office equipment against "power cross" (AC power lines touching telecom lines) and lightning surges. * **Modems and Routers:** Protecting the Tip and Ring lines. * **Industrial Sensors:** Guarding sensitive inputs against wiring errors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic PTC like the CMF-RLC50 and a standard polymer PTC?
    • ⤷ How do I calculate the trip current for this device at different ambient temperatures?
    • ⤷ What are the typical footprint dimensions for the CMF-RLC series?