CMLS104T-R56MS
AI

The **CMLS104T-R56MS** is a high-performance, surface-mount (SMD) power inductor commonly manufactured by **Cyntec**. It belongs to the CMLS series, which is characterized by its molded construction and high current handling capabilities.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | ~1.6 mΩ (Typical) / 1.8 mΩ (Max) |
| **Saturation Current (Isat)** | ~25A - 30A (Inductance drop of 30%) |
| **Heating Current (Irms)** | ~20A - 23A (Temp rise of 40°C) |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size** | 104T (approx. 11.5 x 10.3 x 4.0 mm) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **CMLS**: Series name (Molded Power Inductor).
* **104T**: Dimensional code (approx. 10mm x 10mm footprint, 4mm height).
* **R56**: Inductance value (R56 = 0.56 microhenries).
* **M**: Tolerance (M = ±20%).
* **S**: Special code/standard internal suffix.
---
### 3. Key Electronic Features
* **Magnetic Shielding:** The molded iron powder construction provides excellent magnetic shielding, minimizing electromagnetic interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite core inductors, this molded type exhibits a "soft" saturation curve, meaning it retains better inductance stability even when the current exceeds the rated limits.
* **Low DCR:** The use of flat wire or heavy gauge copper minimizes DC resistance, reducing power loss and heat generation.
* **High Frequency Performance:** Designed to operate efficiently in high-frequency switching power supplies (DC-DC converters).
---
### 4. Common Applications
This inductor is typically found in high-current power stages for:
1. **Motherboards & Servers:** CPU/GPU voltage regulator modules (VRM).
2. **DC-DC Converters:** Point-of-load (POL) power supplies.
3. **Laptops:** High-efficiency power management systems.
4. **Battery Powered Devices:** Where high efficiency and compact size are critical.
- ⤷
What are the direct equivalents from other brands like Vishay or TDK?
- ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter circuit?
- ⤷ What is the recommended PCB footprint for the 104T package?