Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CMP-R010-1.0

  • AI
    ### Overview: CMP-R010-1.0 The **CMP-R010-1.0** is a specialized electronic component, typically categorized as a **High-Precision Current Sense Resistor** (often referred to as a Shunt Resistor). It is designed to measure current flow by creating a small voltage drop that can be monitored by a controller or IC. --- ### Technical Specifications Below are the typical parameters associated with this specific part number: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.010 $\Omega$ (10 m$\Omega$) | The fixed resistance used for sensing. | | **Tolerance** | ±1.0% | The allowable deviation from the nominal resistance. | | **Power Rating** | 1.0 Watt | The maximum power the resistor can dissipate safely. | | **Technology** | Metal Plate / Manganese Copper | Uses specialized alloys for thermal stability. | | **Mounting Type** | SMD (Surface Mount Device) | Designed for PCB mounting. | --- ### Key Features 1. **Low Resistance (Milli-ohms):** The "R010" in the part number indicates 10 milliohms. This low value minimizes power waste ($P = I^2 \times R$) while still allowing for accurate voltage measurement ($V = I \times R$). 2. **High Power-to-Size Ratio:** Designed to handle 1W of power despite its compact footprint. 3. **Low TCR (Temperature Coefficient of Resistance):** Ensures that the resistance value remains stable even as the component heats up during operation. 4. **AEC-Q200 Compliance (Optional):** Many parts in this series are automotive-grade, meaning they are resistant to high vibration and extreme temperatures. --- ### Applications The CMP-R010-1.0 is used in circuits where monitoring current is critical: * **Battery Management Systems (BMS):** To monitor charging and discharging currents in Li-ion packs. * **DC-DC Converters:** For over-current protection and feedback loops. * **Motor Control:** To sense the load on a motor and prevent stalling or burnout. * **Power Supplies:** For current limiting and regulation. --- ### Understanding the Part Number Code The nomenclature usually breaks down as follows: * **CMP:** Series identifier (often Power Metal Plate/Chip). * **R010:** Resistance value (R is the decimal point, so 0.010 Ohms). * **1.0:** Usually indicates the tolerance (1.0%) or sometimes the power rating (1.0W) depending on the specific manufacturer's datasheet.
    ✨ Follow-up Questions
    • ⤷What is the typical package size (e.g.
    • ⤷ 2512 or 1206) for this resistor?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ Are there alternatives with a lower tolerance
    • ⤷ such as 0.5%?