Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CPCIS-6130-R

  • AI
    The **CPCIS-6130-R** is a specialized 6U CompactPCI (cPCI) enclosure system, typically designed for mission-critical industrial, telecommunications, or military applications. It is engineered by ADLINK Technology (or similar industrial computing firms) to provide high-availability infrastructure for modular electronics. --- ## 1. Core Electronic Architecture The system is built around the **CompactPCI standard (PICMG 2.x)**, which adapts the PCI bus for a ruggedized, modular form factor. ### Backplane Components The backplane is the "nervous system" of the unit. In the 6130-R model, it typically features: * **Slots:** 8-slot 64-bit/66MHz CompactPCI backplane. * **Segments:** 1 system slot (for the CPU) and 7 peripheral slots (for I/O, storage, or processing cards). * **H.110 Computer Telephony Bus:** Often includes support for TDM (Time Division Multiplexing) for voice/data applications. ### Power Supply Unit (PSU) The "R" in the model name often denotes **Redundancy**. * **Configuration:** Dual or Triple redundant hot-swappable power modules (N+1 configuration). * **Input:** Usually supports 90-264 VAC or -48 VDC. * **Output:** Provides +5V, +3.3V, +12V, and -12V rails to the backplane. --- ## 2. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Form Factor** | 6U Height, 19" Rackmount | | **Backplane Type** | 64-bit / 66MHz cPCI | | **Total Slots** | 8 Slots (1 System + 7 Peripheral) | | **Cooling** | High-speed hot-swappable fans (Push/Pull) | | **Management** | Intelligent Platform Management Interface (IPMI) support | | **Rear I/O** | Supports Rear Transition Modules (RTM) | --- ## 3. Key Electronic Sub-Systems ### Cooling and Thermal Management The unit utilizes an **Electronic Fan Control Board**. This board monitors thermistors placed across the backplane to adjust PWM (Pulse Width Modulation) fan speeds. This ensures that high-power 6U CPU cards do not throttle due to heat. ### Alarm and Monitoring Module A dedicated electronic module monitors the health of the system: * **Status LEDs:** Visual indicators for Power, Fan Failure, and Over-temperature. * **Audible Alarms:** Piezoelectric buzzers for critical failures. * **Relay Output:** Dry contacts that can be wired to external monitoring systems to signal a chassis failure. ### Rear Transition Modules (RTM) The electronics are designed to pass signals from the front cards through the backplane to the rear. This allows for: * **Cable Management:** Keeping I/O wiring (Ethernet, Serial, USB) at the back of the rack. * **Hot-Swapping:** Electronic circuitry (like Pre-charge pins) allows cards to be removed or inserted while the system is powered on without causing electrical spikes. --- ## 4. Typical Compatible Modules To make the CPCIS-6130-R functional, it is populated with electronic cards such as: 1. **System Controller:** A 6U cPCI Single Board Computer (SBC) using Intel Core or Xeon processors. 2. **I/O Cards:** Analog-to-Digital converters, MIL-STD-1553 cards, or Multi-port Ethernet controllers. 3. **Storage:** cPCI-based SSD carriers.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the 32-bit and 64-bit slots in this backplane?
    • ⤷ Does the CPCIS-6130-R support PICMG 2.16 (Packet Switching Backplane)?
    • ⤷ How do I configure the IPMI alerts for the redundant power supplies?