CSTCE19M2V51-R0
AI

The **CSTCE19M2V51-R0** is a surface-mount (SMD) ceramic resonator from the **CERALOCK®** line manufactured by **Murata Electronics**. Ceramic resonators are used as timing devices to provide stable clock frequencies for microcontrollers (MCUs) and other digital ICs.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Oscillating Frequency** | 19.200 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Capacitance** | 5 pF (Internal Load Capacitors) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (EIA 1205) |
| **Resonant Impedance** | 40 $\Omega$ (Max) |
---
## 2. Key Features
* **Built-in Capacitance:** Unlike standard quartz crystals, this part includes internal load capacitors. This eliminates the need for two external capacitors on the PCB, saving space and reducing BOM (Bill of Materials) costs.
* **Small Footprint:** Part of the "CSTCE" series, it is designed for high-density mounting.
* **Cost-Effective:** Ceramic resonators are generally cheaper than quartz crystals, though they offer slightly less frequency precision.
* **Durability:** They are highly resistant to mechanical shock and vibration compared to traditional crystals.
---
## 3. Pin Configuration and Circuitry
The device typically has 3 terminals. In a standard microcontroller oscillator circuit, the connections are as follows:
1. **Input (Term 1):** Connected to the MCU's `OSC_IN` pin.
2. **Ground (Term 2):** The center pin is connected to the system ground (GND). This serves as the common point for the internal capacitors.
3. **Output (Term 3):** Connected to the MCU's `OSC_OUT` pin.
### Typical Application Circuit
```text
[ Microcontroller ]
| |
OSC_IN OSC_OUT
| |
+-----|-------------|-----+
| [Term 1] [Term 3] |
| [Term 2] | <-- CSTCE19M2V51-R0
+------------|------------+
|
(GND)
```
---
## 4. Common Applications
* **Consumer Electronics:** Handheld devices, remote controls, and home appliances.
* **Microcontroller Clocks:** Providing the base clock for 8-bit or 16-bit MCUs where a frequency tolerance of 0.5% is acceptable.
* **USB Controllers:** Often used in low-speed USB peripherals.
- ⤷
What is the difference in frequency stability between this ceramic resonator and a standard quartz crystal?
- ⤷ Can this part be used in automotive applications
- ⤷ or is there a specific automotive grade?
- ⤷ How does the built-in capacitance of 5pF affect the startup time of the oscillator?