CSTCE8M00G55-R0
AI

## Overview of CSTCE8M00G55-R0
The **CSTCE8M00G55-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the **CERALOCK®** family, which is widely used in microcomputer peripheral circuits where a stable clock source is required.
---
### Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Frequency** | 8.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature Range** | -20°C to +80°C |
| **Frequency Stability** | ±0.3% (over temp range) |
| **Mounting Type** | Surface Mount (SMD) |
| **Built-in Capacitance** | 33 pF (Internal Load Capacitors) |
| **Package / Case** | 1206 (3213 Metric) - 3.2 x 1.3 mm |
---
### Detailed Component Features
#### 1. Integrated Load Capacitors
One of the primary features of this part is the **built-in load capacitors**. Unlike standard crystals that require two external capacitors to complete the oscillation circuit, this ceramic resonator integrates them into the package.
* **Benefit:** Reduces the component count on the PCB and saves space.
#### 2. CERALOCK® Technology
Murata's CERALOCK technology utilizes the mechanical resonance of piezoelectric ceramics. While less precise than quartz crystals, ceramic resonators offer:
* Faster start-up times.
* Lower cost.
* Smaller physical footprint.
#### 3. 3-Terminal Configuration
The device has three terminals:
1. **Input** (Connects to the MCU oscillator pin).
2. **Ground** (Common ground for internal capacitors).
3. **Output** (Connects to the second MCU oscillator pin).
---
### Typical Application Circuit
In a standard microcontroller application, the resonator is connected directly to the `OSC_IN` and `OSC_OUT` pins without needing external passive components.
```c
// Example representation of usage in a microcontroller system
// The CSTCE8M00G55-R0 provides the system clock
MCU_OSC_IN <---> [ Terminal 1: Resonator ]
GND <---> [ Terminal 2: Ground ]
MCU_OSC_OUT <---> [ Terminal 3: Resonator ]
```
---
### Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
|:---|:---|:---|
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Price** | Low | Higher |
| **Start-up Time** | Very Fast | Slow |
| **Size** | Very Small (integrated caps) | Larger (requires external caps) |
---
- ⤷
What are the specific advantages of using integrated capacitors in SMD resonators?
- ⤷ Can this part be used in high-precision timing applications like RTCs?
- ⤷ What is the shelf life and soldering heat resistance for this Murata series?