Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CT-1DA-R

  • AI
    The **CT-1DA-R** is a specific model of a **Current Transformer (CT)** typically used in industrial automation, power monitoring, and control systems. It is often associated with brands like **Autonics** or similar industrial sensor manufacturers. ### 1. Technical Specifications The primary function of this component is to step down high currents to a lower, measurable level for electronic controllers or displays. | Feature | Description | | :--- | :--- | | **Component Type** | Current Transformer (AC) | | **Primary Current Range** | Usually 0 to 50A or 0 to 100A (Model dependent) | | **Secondary Output** | Standardized low current (e.g., 0-5A or 0-100mA) | | **Mounting Type** | DIN Rail or Panel Mount | | **Hole Diameter** | Approx. 10mm - 15mm (for primary wire) | --- ### 2. Key Electronic Parts & Anatomy The CT-1DA-R consists of several critical internal and external parts: #### A. Toroidal Core The "heart" of the CT. It is usually made of **Silicon Steel** or **Ferrite**. * **Function:** Concentrates the magnetic field generated by the primary wire passing through the center. #### B. Secondary Winding Fine copper wire wrapped many times around the core. * **Function:** Through electromagnetic induction, it produces a current proportional to the primary current. The number of turns determines the transformation ratio. #### C. Burden Resistor (Internal/External) Some "R" suffix models include a precision resistor. * **Function:** Converts the induced current into a voltage signal (e.g., 0-5V or 0-10V) so it can be read directly by an Analog-to-Digital Converter (ADC) in a microcontroller or PLC. #### D. Encapsulation (Case) Usually made of **ABS Plastic** or **Epoxy Resin**. * **Function:** Provides electrical insulation and protects the internal windings from moisture and physical damage. --- ### 3. Connection Diagram Concept The component acts as a bridge between high-power lines and low-power electronics. ```mermaid graph LR A[AC Power Line] -->|Passes Through| B(CT-1DA-R Center Hole) B -->|Induced Current| C[Secondary Terminals] C -->|Signal| D[Ammeter / PLC / Controller] ``` --- ### 4. Safety Considerations 1. **Open Circuit Risk:** Never disconnect the secondary side of a current transformer while the primary current is flowing. This can cause a high-voltage spike that may destroy the insulation or cause electric shock. 2. **Saturation:** Ensure the primary current does not exceed the rated capacity, or the core will saturate, leading to inaccurate readings.
    ✨ Follow-up Questions
    • ⤷ What is the exact transformation ratio for the CT-1DA-R?
    • ⤷ How do I wire this CT to an Arduino or ESP32?
    • ⤷ What is the difference between the CT-1DA-R and the standard CT-1DA model?