CTMC1812-R12M
AI

The **CTMC1812-R12M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF circuits, power supplies, and signal filtering applications.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the CTMC1812-R12M:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.12 µH (R12) |
| **Tolerance** | ±20% (M) |
| **Test Frequency** | 25.2 MHz |
| **DC Resistance (DCR) Max** | 0.22 Ω |
| **Rated Current (I-dc)** | 550 mA |
| **Self-Resonant Frequency (SRF)** | 500 MHz |
| **Package / Case** | 1812 (4532 Metric) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Features
* **Wire-Wound Construction:** Provides higher Q-factors and higher current handling capabilities compared to multilayer inductors.
* **Molded Encapsulation:** The "CTMC" prefix often refers to a molded chip inductor, which offers excellent mechanical strength and resistance to moisture and environmental stress.
* **1812 Form Factor:** A standard surface-mount size (4.5mm x 3.2mm), making it compatible with automated pick-and-place assembly.
### ## Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
1. **CTMC:** Series name (Ceramic/Molded Chip Inductor).
2. **1812:** Physical dimensions (0.18 x 0.12 inches).
3. **R12:** Inductance value ($0.12 \mu H$). The "R" acts as a decimal point.
4. **M:** Tolerance code ($M = \pm 20\%$).
### ## Common Applications
* **RF Tuning:** Used in high-frequency communication equipment.
* **Decoupling:** Filtering high-frequency noise out of power lines.
* **Signal Processing:** Used in filters and oscillators where a specific inductance value is required to maintain resonance.
---
- ⤷
What are the differences between the 1812 and 1210 package sizes for this series?
- ⤷ How does the Self-Resonant Frequency affect its performance in RF circuits?
- ⤷ Can this inductor be used in high-heat automotive environments?