CTML0603F-R68M
AI

The **CTML0603F-R68M** is a surface-mount multilayer chip inductor. This component is commonly used in high-frequency circuits and power management modules for mobile devices, telecommunications, and consumer electronics.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical constraints:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTML** | Series | Ceramic/Ferrite Multilayer Inductor |
| **0603** | Case Size | Imperial size (0.06 x 0.03 inches / 1.6 x 0.8 mm) |
| **F** | Lead-Free | RoHS compliant / Environmental standard |
| **R68** | Inductance Value | **0.68 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
---
## 2. Technical Specifications
The electrical behavior of this inductor is defined by the following parameters:
* **Inductance:** 0.68 µH (Microhenries).
* **DC Resistance (DCR):** Usually ranges between 0.30Ω and 0.60Ω (Check specific manufacturer datasheet for exact max value). Lower DCR is preferred for efficiency.
* **Rated Current:** Typically in the range of **100mA to 300mA**. Exceeding this causes heat and magnetic saturation.
* **Self-Resonant Frequency (SRF):** High SRF (typically >100 MHz) ensures the part behaves like an inductor and not a capacitor at the operating frequency.
* **Quality Factor (Q):** Measures the efficiency of the inductor; usually tested at 25MHz for this value range.
---
## 3. Key Electronic Characteristics
### A. Multilayer Construction
Unlike wire-wound inductors, the CTML series uses a **multilayer process** where conductive pastes are printed on ceramic or ferrite layers and fired together.
* **Benefit:** Excellent magnetic shielding (low EMI), high reliability, and a compact footprint.
* **Trade-off:** Generally lower current handling compared to wire-wound types.
### B. Magnetic Shielding
The closed magnetic circuit design minimizes leakage flux. This allows components to be placed closer together on a PCB without causing electromagnetic interference (EMI) with neighboring traces.
### C. Frequency Performance
This specific value (0.68µH) is often used for:
1. **Filtering:** Removing high-frequency noise from DC lines.
2. **Impedance Matching:** In RF signal paths.
3. **Decoupling:** Preventing noise from one circuit section from affecting another.
---
## 4. Application Summary
* **Mobile Devices:** Power lines for smartphones and tablets.
* **Communication:** Bluetooth modules and WLAN cards.
* **Computing:** Local Area Networks (LAN) and peripheral I/O ports.
- ⤷
What is the difference between this multilayer inductor and a wire-wound inductor of the same value?
- ⤷ Can the CTML0603F-R68M be used in high-power DC-DC converters?
- ⤷ How does the tolerance 'M' affect circuit performance compared to 'K' tolerance?