Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CTML1206F-R12K

  • AI
    ## Detailed Analysis of CTML1206F-R12K The **CTML1206F-R12K** is a surface-mount (SMD) multilayer chip inductor. These components are essential in modern electronics for filtering, impedance matching, and energy storage in compact circuits. --- ### 1. Part Number Deciphering Understanding the nomenclature helps identify the physical and electrical characteristics of the part: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor | | **1206** | Case Size | 3.2mm x 1.6mm (Length x Width) | | **F** | Lead-Free | RoHS Compliant | | **R12** | Inductance Value | 0.12 µH (R acts as a decimal point) | | **K** | Tolerance | ±10% | --- ### 2. Electrical Specifications These parameters define how the inductor behaves within a circuit: * **Inductance:** 0.12 µH (Microhenries) * **DC Resistance (DCR):** Usually very low (typically < 0.50 Ω), minimizing power loss as heat. * **Rated Current:** The maximum continuous current the inductor can handle without overheating or saturating (often between 200mA to 500mA for this series). * **Self-Resonant Frequency (SRF):** High frequency (typically > 300 MHz), indicating the limit at which the component stops acting as an inductor. * **Q Factor:** High quality factor, ensuring low signal loss at high frequencies. --- ### 3. Physical Construction & Features The "Multilayer" technology distinguishes this part from wire-wound inductors: * **Internal Structure:** It consists of layers of ceramic material interleaved with conductive patterns (usually silver or copper) to create the coil. * **Magnetic Shielding:** The multilayer structure provides inherent magnetic shielding, reducing electromagnetic interference (EMI) with neighboring components. * **Durability:** The monolithic structure is highly resistant to mechanical shock and vibration. * **Termination:** Solder-plated end-caps (Ni/Sn) designed for reflow or wave soldering. --- ### 4. Common Applications Due to its small size and shielding, it is frequently used in: 1. **Mobile Communication:** High-frequency filtering in smartphones and tablets. 2. **Power Supply Decoupling:** Removing high-frequency noise from DC power lines. 3. **WLAN/Bluetooth:** Signal conditioning in wireless modules. 4. **Computer Peripherals:** Noise suppression in high-speed data interfaces. --- ### 5. Equivalent/Substitution Considerations If you are looking for an alternative, ensure the following parameters match: ```text - Footprint: 1206 (3216 Metric) - Inductance: 120nH (0.12µH) - Current Rating: Must be equal or higher than original - DCR: Must be equal or lower than original ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CTML series?
    • ⤷ How does the Q factor of a multilayer inductor compare to a wire-wound inductor?
    • ⤷ Can this inductor be used in high-power switching regulators?