CTML1206F-R47K
AI

The **CTML1206F-R47K** is a surface-mount multilayer chip inductor. It is commonly used in high-frequency circuits for noise filtering and signal decoupling.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±10% (denoted by 'K') |
| **Package Size** | 1206 (3.2mm x 1.6mm) |
| **Maximum DC Resistance (DCR)** | 0.50 Ω |
| **Rated Current (max)** | 250 mA |
| **Self-Resonant Frequency (min)** | 105 MHz |
| **Operating Temperature** | -55°C to +125°C |
---
### ### Part Number Breakdown
Understanding the nomenclature helps identify the specific variant:
1. **CTML**: Series code (Ceramic Multilayer Inductor).
2. **1206**: Case size (Industry standard dimensions).
3. **F**: Lead-free / RoHS Compliant.
4. **R47**: Inductance value (R represents the decimal point; $0.47\mu H$).
5. **K**: Tolerance code (±10%).
---
### ### Key Features and Applications
* **Monolithic Structure:** The part is constructed using ceramic and conductive layers, making it highly reliable and stable.
* **Magnetic Shielding:** Its structure provides excellent magnetic shielding, preventing interference with surrounding components.
* **Applications:**
* **EMI Suppression:** Used to filter electromagnetic interference in digital circuits.
* **Power Supply Lines:** Filtering ripples in DC-to-DC converters.
* **Telecommunications:** Signal conditioning in cellular and wireless equipment.
---
### ### Comparison with Standard Inductors
Compared to wire-wound inductors, the **CTML1206F** series offers:
1. **Lower Profile:** Better for thin electronic devices.
2. **Higher Density:** Allows for tighter PCB layouts.
3. **Cost-Efficiency:** Generally cheaper to manufacture in high volumes.
- ⤷What are the differences between multilayer and wire-wound inductors?
- ⤷ How does the 'Q factor' impact this specific component?
- ⤷ What are the recommended soldering profiles for 1206 ceramic components?