Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CTS4F-R10J

  • AI
    ## Technical Overview: CTS4F-R10J The **CTS4F-R10J** is a specific model of a **Fixed Inductor** (Choke), typically categorized under Axial Leaded Inductors. It is designed for use in electronic circuits where signal filtering, energy storage, or impedance matching is required. --- ### 1. Specification Breakdown The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH | The nominal inductance value (R10). | | **Tolerance** | ±5% | Indicated by the suffix "J". | | **Package Type** | Axial Leaded | Cylindrical body with leads coming out of both ends. | | **Core Material** | Phenolic / Ferrite | Varies by manufacturer, usually high-frequency stable. | | **Mounting Style** | Through-Hole | Designed to be soldered into PCB holes. | --- ### 2. Electrical Characteristics These parts are engineered for high-frequency performance. Below are the typical operational limits for this class of component: * **DC Resistance (DCR):** Usually very low (e.g., < 0.10 Ω), minimizing power loss. * **Rated Current:** Typically ranges from 500mA to over 1000mA depending on the specific series rating. * **Self-Resonant Frequency (SRF):** High frequency (often > 400 MHz), making it suitable for RF applications. * **Operating Temperature:** Generally rated for -55°C to +125°C. --- ### 3. Common Applications Due to its low inductance (0.10 µH), the CTS4F-R10J is primarily used in high-frequency circuits: 1. **RF Filtering:** Removing high-frequency noise from signal lines. 2. **Decoupling:** Preventing noise from one part of a circuit from affecting another. 3. **Local Oscillators:** Used in tuning circuits for radio and communication equipment. 4. **Power Supplies:** Small DC-DC converters for ripple suppression. --- ### 4. Physical Identification The component usually looks like a small resistor. You can identify it by: * **Body Color:** Often green, blue, or brown. * **Color Bands:** It uses a standard color-coding system to indicate inductance (similar to resistors), measured in **Microhenries (µH)**. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent substitute parts for the CTS4F-R10J?
    • ⤷ How do I read the color bands on an axial inductor?
    • ⤷ Can this inductor be used in high-power switching power supplies?