Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CTX300-4-R

  • AI
    ## Overview of the CTX300-4-R The **CTX300-4-R** is a specific model within the CTX300 series of gas detectors, typically manufactured by Oldham (Teledyne Gas & Flame Detection). This device is designed to detect toxic gases or oxygen levels in non-explosive safe areas. The "4-R" suffix generally refers to its output configuration (4-20 mA) and the inclusion of an integrated **Relay** module. --- ### Key Electronic Components The device consists of several critical electronic sub-assemblies that work together to monitor gas concentrations and provide feedback. | Component | Description | Function | | :--- | :--- | :--- | | **Electrochemical Sensor** | The primary sensing element. | Converts gas concentration into a proportional electrical signal via chemical reaction. | | **Signal Processing Unit** | Internal PCB with Microcontrollers. | Amplifies raw sensor data and converts it into a digital value for processing. | | **4-20 mA Transmitter** | Analog Output Stage. | Transmits the gas concentration reading over long distances to a PLC or central controller. | | **Relay Module** | Mechanical/Solid-state switches. | Provides dry contacts (Common, NO, NC) to trigger local alarms or fans directly. | | **Calibration Interface** | On-board pins or display port. | Allows technicians to adjust zero and span settings using a multimeter or calibration tool. | --- ### Technical Specifications The electronic performance of the CTX300-4-R is defined by its power requirements and signal integrity: 1. **Power Supply:** Typically operates on **15-30V DC**. 2. **Output Signal:** Standard **4-20 mA linear output**. 3. **Relay Rating:** Usually rated for **2A @ 30V DC** or **0.5A @ 110V/220V AC** (depending on specific revision). 4. **Wiring:** 3-wire or 4-wire configuration depending on whether the relays are powered independently. --- ### Internal Circuit Features * **Pre-calibrated Modules:** Many CTX300 units use "Smart" sensors that contain an onboard EPROM to store calibration data, allowing for "plug-and-play" replacement without field calibration. * **Status LEDs:** Internal light-emitting diodes indicate power status, fault conditions, and alarm thresholds. * **Potentiometers:** Fine-tuning screws located on the board for manual "Zero" and "Sensitivity" (Span) adjustments. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 4-20 mA loop in the CTX300-4-R?
    • ⤷ Which specific toxic gases is the CTX300-4-R compatible with?
    • ⤷ How do you perform a bump test on this electronic sensor module?