Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • CY22381SC-RGLT

  • AI
    ## Technical Overview: CY22381SC-RGLT The **CY22381SC-RGLT** is a high-performance, programmable clock generator manufactured by **Infineon Technologies** (formerly Cypress Semiconductor). It is designed to replace multiple crystal oscillators in complex electronic systems, reducing PCB footprint and cost. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Triple PLL Field-Programmable Clock Generator | | **Operating Voltage** | 3.3V (± 10%) | | **Output Frequencies** | Up to 166 MHz (Ref), Up to 200 MHz (Outputs) | | **Number of PLLs** | 3 Internal Phase-Locked Loops | | **Number of Outputs** | 3 Configurable Outputs | | **Interface** | I2C Programmable (volatile) / Flash (non-volatile) | | **Package Type** | 8-pin SOIC (Small Outline Integrated Circuit) | | **Temperature Range** | 0°C to +70°C (Commercial) | --- ### 2. Core Functional Components The internal architecture of the CY22381 consists of several critical electronic stages: 1. **Crystal Oscillator Input:** Accepts a reference crystal (typically 8–30 MHz) or an external reference clock. 2. **Phase-Locked Loops (PLLs):** Three independent PLLs synthesize high-frequency clocks from the lower-frequency reference input. 3. **Frequency Dividers:** Programmable post-dividers allow the user to scale down the PLL frequencies to specific requirements for different system components. 4. **Crossbar Switch:** An internal routing matrix that connects any of the three PLL outputs to the physical output pins (CLK A, CLK B, CLK C). 5. **Control Logic:** Uses I2C or factory-set Flash memory to define the multiplier and divider ratios. --- ### 3. Applications This part is commonly found in consumer and industrial electronics where multiple synchronized frequencies are required: * **Networking Equipment:** Routers, switches, and modems. * **Storage Systems:** Hard drive controllers and NAS devices. * **Printers/Scanners:** Timing for image processing units. * **Embedded Systems:** Microcontrollers requiring specific peripheral clock speeds. --- ### 4. Advantages of the "RGLT" Variant The suffix **"RGLT"** typically denotes specific packaging and environmental standards: * **R:** Tape and Reel packaging (standard for automated pick-and-place assembly). * **G:** Green / Lead-Free / RoHS compliant. * **LT:** Specific orientation or temperature grade markers depending on the manufacturing batch. --- ### 5. Programming Interface Example The device is configured via internal registers. A simplified pseudocode logic for a developer might look like: ```c // Example: Setting a divider ratio via I2C void configure_clock(uint8_t pll_address, uint8_t divider_value) { i2c_start(); i2c_write_byte(CY22381_I2C_ADDR); i2c_write_byte(pll_address); i2c_write_byte(divider_value); i2c_stop(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the CY22381 and the CY22391 series?
    • ⤷ Can this part be programmed 'in-circuit' after assembly?
    • ⤷ What is the jitter performance for high-speed communication applications?