Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • DAC8564IAPWR

  • AI
    ## Overview of DAC8564IAPWR The **DAC8564IAPWR** is a high-precision, low-power, voltage-output, quad-channel, 16-bit digital-to-analog converter (DAC). It is manufactured by Texas Instruments and is widely used in industrial process control and instrumentation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface Type** | SPI (Serial Peripheral Interface) | | **Supply Voltage (VDD)** | 2.7V to 5.5V | | **Output Type** | Buffered Voltage | | **Reference Type** | Internal (2.5V) or External | | **Settling Time** | 10 µs | | **Package** | TSSOP-16 | --- ### 2. Core Functional Parts The internal architecture of the DAC8564 consists of several critical blocks: #### A. The DAC Architecture It utilizes a **resistor-string architecture**, which ensures monotonic performance. Each of the four channels has its own resistor string and output amplifier. #### B. Internal Reference One of the standout features of this part is the integrated **2.5V internal reference**. * It has a low drift (2ppm/°C typical). * It can be disabled if an external reference is preferred for specific accuracy requirements. #### C. Digital Interface (SPI) The device uses a 3-wire serial interface that operates at clock rates up to **50MHz**. * **SCLK:** Serial Clock input. * **DIN:** Serial Data input. * **SYNC:** Level-triggered control input (similar to Chip Select). #### D. Power-On Reset (POR) The DAC8564 includes a power-on reset circuit that ensures the DAC outputs power up at **zero-scale** (0V). This is critical for safety in industrial applications to prevent connected hardware from moving or activating unexpectedly upon startup. --- ### 3. Pin Configuration Summary | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VDD | Positive Power Supply (2.7V - 5.5V) | | 2-5 | VOUT A-D | Analog Output Voltages for Channels A, B, C, and D | | 11 | SCLK | Serial Clock Input | | 12 | DIN | Serial Data Input | | 13 | SYNC | Frame Synchronization Input | | 14 | VREFH/VREFOUT | Reference Voltage Input/Output | | 16 | GND | Ground | --- ### 4. Typical Application Circuit When designing with the DAC8564, bypass capacitors are essential for stability. ```c // Example: Basic SPI Data Frame for DAC8564 // Standard 24-bit write sequence: // [8 bits: Control/Address] + [16 bits: Data] void writeDAC(uint8_t channel, uint16_t value) { digitalWrite(SYNC_PIN, LOW); // Activate chip SPI.transfer(channel); // Send address and control bits SPI.transfer(value >> 8); // Send MSB SPI.transfer(value & 0xFF); // Send LSB digitalWrite(SYNC_PIN, HIGH); // Deactivate chip } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the DAC8564 and the DAC8565?
    • ⤷ How does the internal reference drift affect overall system accuracy?
    • ⤷ What are the recommended values for the decoupling capacitors on the VDD pin?