DEF119NP-R32M
AI

The **DEF119NP-R32M** is a high-performance **Surface Mount Device (SMD) Fixed Inductor** (Power Choke) manufactured by **Toko** (now a subsidiary of **Murata**). It is part of the DEF series, specifically designed for high-current applications and Class-D audio amplifiers.
---
## ## Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 3.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 8.8 mΩ (typical 7.3 mΩ) |
| **Rated Current (Saturation)** | 10.3 A |
| **Rated Current (Temp Rise)** | 8.5 A |
| **Frequency Range** | Up to 1 MHz (typical usage) |
| **Operating Temperature** | -40°C to +85°C |
| **Dimensions** | 12.0 mm x 12.0 mm x 10.0 mm |
---
## ## Core Features
### 1. Magnetic Shielding
The DEF119NP series uses a **magnetically shielded structure**. This is critical for preventing Electromagnetic Interference (EMI) with neighboring components on the PCB, which is especially important in high-density power circuits.
### 2. High Current Handling
The "R32M" designation indicates a 3.2 microhenry inductance. Despite its relatively small footprint, it can handle a saturation current exceeding **10 Amperes**, making it suitable for power-hungry devices.
### 3. Flat Wire Construction
This part typically utilizes flat-wire (ribbon) winding technology. This reduces "Skin Effect" losses at high frequencies and allows for lower DC resistance (DCR) compared to standard round-wire inductors, leading to higher efficiency.
---
## ## Common Applications
* **Class-D Audio Amplifiers:** Its low distortion characteristics make it ideal for output filters in digital audio systems.
* **DC-DC Converters:** Used as a storage inductor in buck/boost regulators for telecommunications and industrial equipment.
* **LED Lighting Drivers:** Providing stable current filtration for high-power LED arrays.
* **Power Supplies:** General-purpose noise filtering in high-current power rails.
---
## ## Ordering Information Breakdown
The part number can be decoded as follows:
* **DEF**: Series name (Shielded Power Inductor).
* **119**: Size/Frame code (approx. 12x12x10mm).
* **NP**: Packaging/Termination style (Lead-free/RoHS compliant).
* **R32**: Inductance value (R indicates decimal; 3.2 µH).
* **M**: Tolerance (M = ±20%).
- ⤷What are the recommended soldering profiles for the DEF119NP series?
- ⤷ How does the saturation current of this inductor change at higher temperatures?
- ⤷ Is there a direct Murata replacement part if the Toko version is discontinued?