DM05CE100DO3-SA-R02
AI

The **DM05CE100DO3-SA-R02** is a specialized electronic component, specifically a **High-Frequency Multilayer Ceramic Capacitor (MLCC)** manufactured by **Kyocera (AVX)**. It is primarily used in RF (Radio Frequency) and microwave applications where low loss and high stability are critical.
---
### ## Technical Specifications
Below are the primary parameters for this specific part number:
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Multilayer Ceramic Capacitor (MLCC) |
| **Capacitance** | 10 pF (Picofarads) |
| **Tolerance** | ±0.5 pF (indicated by 'D') |
| **Voltage Rating** | 50V DC |
| **Dielectric Material** | C0G (NP0) - Ultra Stable |
| **Package / Case** | 0402 (EIA) / 1005 (Metric) |
| **Termination** | Silver/Nickel/Tin (RoHS Compliant) |
| **Operating Temp** | -55°C to +125°C |
---
### ## Detailed Breakdown of Features
### 1. Dielectric Performance (C0G/NP0)
The "CE" in the part number indicates a **C0G** dielectric. This is a Class I material, meaning it is highly stable.
* **Zero Drift:** The capacitance does not change significantly with temperature, frequency, or time.
* **Low Loss:** It has a very low dissipation factor, making it ideal for high-Q circuits.
### 2. Physical Dimensions (0402)
The "05" in the prefix typically refers to the physical size in specific manufacturer codes, corresponding to the **0402** inch standard (1.0mm x 0.5mm). This small footprint is essential for high-density PCB designs like smartphones and RF modules.
### 3. Application Use Cases
Due to its 10pF value and high stability, this part is commonly found in:
* **RF Matching Networks:** Tuning antennas for Bluetooth, Wi-Fi, or cellular signals.
* **Filter Circuits:** Band-pass or low-pass filters where precise capacitance is required to maintain the cutoff frequency.
* **Oscillators:** Providing stable timing for clock signals.
---
### ## Part Number Nomenclature (Typical Kyocera/AVX)
| Code Segment | Meaning |
| :--- | :--- |
| **DM05** | Series/Size Designation (RF High-Q Series) |
| **CE** | Dielectric Characteristic (C0G/NP0) |
| **100** | Capacitance Code (10 x 10^0 = 10pF) |
| **D** | Tolerance (±0.5 pF) |
| **O3** | Voltage Rating (50V) |
| **SA-R02** | Packaging / Termination / Internal Control Code |
- ⤷
What are the alternatives to C0G dielectric for high-frequency applications?
- ⤷ How does the 'Q factor' impact the performance of this 10pF capacitor?
- ⤷ What is the typical ESR (Equivalent Series Resistance) for this specific series?