Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • DM05DA102DO3-SA-R02

  • AI
    Based on the technical nomenclature, the **DM05DA102DO3-SA-R02** appears to be a specialized high-voltage ceramic capacitor, typically utilized in power management and high-frequency noise suppression applications. ### 1. Technical Specifications Overview The part number follows a standard industry encoding for ceramic disk capacitors. Below is the breakdown of its probable characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | Passive electronic component | | **Capacitance** | 1000 pF (1nF) | Represented by "102" (10 + 00) | | **Voltage Rating** | High Voltage (kV range) | Likely 1kV to 3kV depending on manufacturer | | **Tolerance** | ±5% to ±10% | Precision levels for the dielectric | | **Dielectric Material** | Class II (e.g., Y5P or X7R) | Stable temperature coefficients | | **Termination** | Radial Leaded | Through-hole mounting style | --- ### 2. Key Features * **Safety Compliance:** Often designed to meet specific safety standards (like Y-class or X-class) for line-to-ground or line-to-line applications. * **Temperature Stability:** Designed to operate effectively within -25°C to +125°C. * **Compact Form Factor:** The "DM05" prefix usually denotes a disc diameter of approximately 5mm to 7mm, allowing for high density on PCBs. * **Resin Coating:** Usually encapsulated in flame-retardant epoxy resin (UL94V-0 compliant). --- ### 3. Application Use Cases This specific part is commonly found in the following circuits: 1. **Switching Power Supplies (SMPS):** Used for snubber circuits to protect MOSFETs from high-voltage spikes. 2. **EMI/RFI Filtering:** Acts as a filter to bypass high-frequency noise to the ground. 3. **Lighting Ballasts:** Used in LED drivers and HID lighting for pulse shaping. 4. **TV/Monitor Circuits:** Found in the horizontal deflection or high-voltage sections of display hardware. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer (such as Murata, TDK, or Vishay), the segments usually follow this logic: * **DM05:** Physical size/Series identifier. * **DA:** Voltage characteristic (e.g., 2000V). * **102:** Capacitance value ($10 \times 10^2$ picofarads). * **DO3:** Packaging style or internal lead spacing code. * **SA-R02:** Revision code or RoHS compliance / Reel packaging indicator.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the DA code in this series?
    • ⤷ Are there equivalent SMD alternatives for this radial capacitor?
    • ⤷ How does the Y5P dielectric differ from X7R in these capacitors?