Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • DM05EC151JO3-ST-R02

  • AI
    The part number **DM05EC151JO3-ST-R02** refers to a high-precision **Mica Capacitor**, typically manufactured by companies like Cornell Dubilier (CDE). Mica capacitors are renowned for their stability, high reliability, and low losses at high frequencies. --- ## Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 150 pF | The "151" code translates to 15 x 10^1 pF. | | **Tolerance** | ±5% | Indicated by the "J" in the part number. | | **Voltage Rating** | 300V - 500V | Standard for the DM05 series (varies by exact spec sheet). | | **Dielectric** | Silver Mica | Provides excellent temperature stability. | | **Case Style** | DM05 | A miniature dipped mica package. | | **Operating Temp** | -55°C to +125°C | Suitable for extreme environments. | | **Termination** | Straight Leads | "ST" signifies straight lead configuration. | --- ## Part Number Breakdown To understand the specifics of this component, we can deconstruct the alphanumeric code: 1. **DM05**: Represents the physical size and case style (Dipped Mica, Size 05). 2. **EC**: Refers to the characteristic (Temperature Coefficient and Capacitance Drift). 3. **151**: The capacitance value. 15 followed by one zero = 150 (pF). 4. **J**: The tolerance code (J = ±5%). 5. **O3**: Internal manufacturer voltage or designator code. 6. **ST**: Lead style (Straight). 7. **R02**: Packaging/Revision code (often referring to RoHS compliance or specific tape/reel requirements). --- ## Key Applications Mica capacitors are not general-purpose components; they are chosen for specific circuit requirements: * **RF Oscillators:** Used where frequency stability is critical regardless of temperature changes. * **Tuned Circuits:** Ideal for filters and high-frequency coupling. * **Pulse Circuits:** Capable of handling high $dv/dt$ (fast voltage changes). * **Audio Equipment:** Sometimes used in high-end audio for their "clean" signal characteristics and low distortion. --- ## Features and Benefits * **Low Dissipation Factor:** Very little energy is lost as heat, making them efficient at high frequencies. * **Temperature Stability:** The capacitance changes very little over a wide range of temperatures compared to Ceramic (MLCC) capacitors. * **Longevity:** Mica is a naturally stable mineral; these parts do not age or degrade as quickly as electrolytic capacitors.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between mica and ceramic capacitors in RF applications?
    • ⤷ How do I interpret the 'EC' characteristic code for temperature coefficients?
    • ⤷ Is there a surface-mount equivalent for the DM05 series?