Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • DM19DC102DO3-ST-R02

  • AI
    Based on the part number provided, this component belongs to the **D-Series Brushless DC (BLDC) Motors** manufactured by companies like **Dings' Motion**. It is a precision electronic motor integrated with specific mechanical and electrical specifications for automation and motion control. --- ## 1. Part Number Breakdown The nomenclature for this part typically follows this structure: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `DM19` | 19mm Diameter Brushless DC Motor. | | **Type** | `DC` | Standard DC Brushless design. | | **Voltage/Power** | `102` | Specific winding or power rating code (typically 24V or 12V variants). | | **Output** | `DO3` | Shaft or connection configuration (often a D-cut shaft). | | **Feedback** | `ST` | Usually indicates a standard hall sensor feedback. | | **Revision** | `R02` | Revision level or specific mounting/flange modification. | --- ## 2. Technical Specifications While exact datasheets can vary by manufacturer batch, the **DM19** series generally follows these electronic and physical parameters: ### Electrical Characteristics - **Motor Type:** 3-Phase Brushless DC (BLDC). - **Nominal Voltage:** Usually 24V DC. - **Feedback:** 120° Phase Hall Effect Sensors (Required for commutation). - **Insulation Class:** Class B ($130^\circ C$). - **Dielectric Strength:** 500VDC for one minute. ### Mechanical Interface - **Frame Size:** 19mm (Ultra-compact / NEMA 08 equivalent). - **Bearings:** Precision Ball Bearings for high-speed stability. - **Shaft Type:** D-cut (indicated by "DO3") to prevent gear/pulley slippage. --- ## 3. Typical Wiring Pinout For BLDC motors like the DM19, the connector interface usually consists of 8 wires (3 Phase + 5 Hall): | Wire Color (Standard) | Function | Description | | :--- | :--- | :--- | | **Red (Thick)** | Phase U | High current motor power. | | **White (Thick)** | Phase V | High current motor power. | | **Black (Thick)** | Phase W | High current motor power. | | **Red (Thin)** | Hall VCC | Sensor Power (+5V to +24V). | | **Black (Thin)** | Hall GND | Sensor Ground. | | **Yellow** | Hall A | Position Feedback. | | **Green** | Hall B | Position Feedback. | | **Blue** | Hall C | Position Feedback. | --- ## 4. Common Applications Due to its small 19mm diameter and high reliability, this motor is commonly found in: 1. **Medical Devices:** Precision pumps and laboratory automation. 2. **Robotics:** Small joint actuators or grippers. 3. **Optics:** Lens focusing and aperture control systems. 4. **Aerospace:** Miniature cooling fans or valve actuators. ---
    ✨ Follow-up Questions
    • ⤷Can you provide the torque and RPM ratings for the DM19 series?
    • ⤷ What type of motor controller is recommended for a 3-phase BLDC with hall sensors?
    • ⤷ Is there a CAD model available for the DM19DC series?