DR1040
AI

The **DR1040** refers to a specific series of **High-Current, Shielded Power Inductors**. These are surface-mount devices (SMD) widely used in power management circuits.
Below is a detailed breakdown of its electronic characteristics, construction, and technical specifications.
---
## 1. Technical Overview
The "DR" designation typically refers to the "Drum Core" shape of the inductor, while "1040" denotes the physical dimensions: approximately **10.3mm x 10.3mm** (footprint) with a **4.0mm** height.
### Key Specifications Table
| Feature | Specification Range |
| :--- | :--- |
| **Inductance Range** | 1.5µH to 330µH (Typical) |
| **Current Rating (Irms)** | 0.8A to 10.0A+ (Varies by Inductance) |
| **Saturation Current (Isat)** | Usually 10%–30% higher than Irms |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
## 2. Core Construction and Material
The DR1040 is engineered for efficiency in switching power supplies:
* **Ferrite Drum Core:** Provides a high magnetic permeability to store energy efficiently.
* **Magnetic Shielding:** The coil is wrapped in a ferrite sleeve or epoxy resin mixed with magnetic powder. This prevents the magnetic fields from interfering with nearby components (EMI) and protects the inductor from external interference.
* **Flat Base:** Designed for automated SMT (Surface Mount Technology) assembly.
---
## 3. Electrical Characteristics
When analyzing a DR1040 part for a circuit, three parameters are critical:
### A. DC Resistance (DCR)
This is the resistance of the copper wire used in the winding. A lower DCR is preferred because it results in lower power loss (heat) and higher efficiency.
### B. Saturation Current (Isat)
The current level at which the inductance drops by a specific percentage (usually 30%). Beyond this point, the inductor loses its ability to store energy effectively.
### C. Heating Current (Irms)
The continuous DC current that causes the component's temperature to rise by a specific amount (usually 40°C).
---
## 4. Common Applications
Due to its high current handling and low profile, the DR1040 is found in:
1. **DC-DC Converters:** Buck, Boost, and SEPIC converters.
2. **Laptops & Tablets:** Power rails for CPUs and GPUs.
3. **LED Drivers:** Providing constant current for lighting.
4. **Network Equipment:** Routers and switches where EMI suppression is vital.
---
## 5. Typical Part Numbering Example
A typical part number might look like: `DR1040-100-R`
* **DR1040**: Series/Size.
* **100**: Inductance value (10 followed by 0 zeros = **10µH**).
* **R**: RoHS Compliant.
- ⤷
What is the difference between Isat and Irms in the context of DR1040 inductors?
- ⤷
How does the shielding in a DR1040 affect electromagnetic interference (EMI)?
- ⤷
Can you provide a comparison table between DR1040 and the smaller DR1207 series?