Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • DSR-SSS-R1

  • AI
    The **DSR-SSS-R1** refers to a specific Safety Speed Monitoring Relay (often associated with the Dold SAFEMASTER S series). This electronic device is designed to monitor the speed or frequency of a motor or machine part to ensure it stays within safety limits, triggering a shutdown if an overspeed or underspeed condition occurs. ### 1. Key Electronic Components & Architecture The internal circuitry of a DSR-SSS-R1 is built around high-reliability components designed for safety-critical applications (SIL 3 / PLe). | Component Category | Description | | :--- | :--- | | **Microcontroller Unit (MCU)** | Dual-channel redundant processors that compare input frequencies and verify system integrity. | | **Input Signal Converters** | Circuits that translate signals from NPN/PNP sensors, encoders, or proximity switches into digital pulses. | | **Isolation Barrier** | Galvanic isolation (via optocouplers) to protect the logic circuit from high-voltage spikes on the power supply or sensor lines. | | **Safety Relays** | Positive-guided (force-guided) mechanical relays that ensure contacts cannot weld shut without detection. | | **Potentiometers/DIP Switches** | Internal or front-face analog/digital components used to set the threshold frequency and hysteresis. | --- ### 2. Functional Electronic Blocks The device operates through three primary stages: #### A. Signal Input Stage The electronics accept pulses from external sensors. It typically supports: * **Proximity Sensors:** Inductive sensors detecting a gear tooth. * **Encoders:** Incremental signals (A/B channels). * **Frequency Range:** The electronics are tuned to detect frequencies from 0.1 Hz up to 700 Hz (depending on specific sub-model configuration). #### B. Logic & Processing Stage The device uses **Redundant Logic**. Two separate electronic paths process the incoming pulse frequency. If Path A and Path B do not agree, the device enters a "Fault State." * **Hysteresis Control:** Prevents "relay chatter" when the speed fluctuates slightly around the setpoint. * **Start-up Delay:** An electronic timer that ignores the "low speed" state during the initial motor ramp-up. #### C. Output Stage The output consists of safety contacts. * **NO (Normally Open):** Safety-related switching. * **NC (Normally Closed):** Often used for monitoring or signaling to a PLC. * **Semiconductor Outputs:** Some versions provide a transistor output for non-safety feedback to a control system. --- ### 3. Technical Specifications Table | Feature | Typical Value / Specification | | :--- | :--- | | **Operating Voltage** | AC/DC 24V, AC 115V, or AC 230V | | **Power Consumption** | ~3.5 VA / 2.0 W | | **Safety Category** | Up to Cat. 4 / PLe (ISO 13849-1) | | **Contact Material** | AgNi (Silver Nickel) or AgSnO (Silver Tin Oxide) | | **Response Time** | < 20ms - 100ms (depending on frequency) | --- ### 4. Wiring and Terminal Layout Standard electronic connections for this module include: * **A1 / A2:** Power Supply. * **S11 / S12 / S21 / S22:** Sensor inputs for dual-channel monitoring. * **13-14 / 23-24:** Safety output paths. * **Y1 / Y2:** Feedback loop (for External Device Monitoring - EDM).
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the frequency setpoint on the DSR-SSS-R1?
    • ⤷ What are the common failure modes for safety speed relays?
    • ⤷ Can this device be used with both NPN and PNP sensors simultaneously?