Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • DSR-SSS-R2

  • AI
    The **DSR-SSS-R2** is a specialized sensor board typically utilized in robotics and high-precision electronic systems, often associated with the **Digital Smart Robot (DSR)** series. It is designed to handle environmental sensing or position detection. ### 1. Core Electronic Components The board consists of several key categories of electronics that work together to process signals and communicate with a master controller (like an Arduino, Raspberry Pi, or a proprietary PLC). | Component Category | Typical Parts | Function | | :--- | :--- | :--- | | **Microcontroller/IC** | STM8 or specialized Logic Gates | Processes raw sensor data and handles I/O logic. | | **Sensors** | Infrared (IR) Emitters & Receivers | Detects distance, obstacles, or line patterns. | | **Voltage Regulation** | LDO Regulators (e.g., 3.3V/5V) | Ensures stable power supply despite battery fluctuations. | | **Communication Interface** | GPIO Pins / I2C Headers | Sends digital or analog signals to the main robot controller. | | **Indication** | Surface Mount (SMD) LEDs | Provides visual feedback on power status and sensor triggers. | --- ### 2. Technical Specifications While specific revisions may vary, the "R2" (Revision 2) generally features the following electrical characteristics: * **Operating Voltage:** Typically **5V DC**. * **Signal Output:** Digital High/Low or PWM depending on the sensing mode. * **Response Time:** Low latency (microsecond range) for real-time robotic adjustments. * **Connectivity:** Standard 2.54mm pitch headers for easy jumper wire integration. --- ### 3. Circuit Logic & Connectivity The electronic design follows a standard **Signal Conditioning** workflow: 1. **Transduction:** The IR sensors convert physical light reflections into a small electrical current. 2. **Amplification:** Operational Amplifiers (Op-Amps) on the board boost this signal. 3. **Digitization:** A comparator circuit (like the LM393) converts the analog voltage into a "1" or "0" based on a preset threshold. 4. **Output:** The result is sent via the `OUT` pin to the microcontroller. ```cpp // Example: Reading the DSR-SSS-R2 Sensor State in Arduino int sensorPin = 2; // Connected to the OUT pin of R2 int val = 0; void setup() { pinMode(sensorPin, INPUT); Serial.begin(9600); } void loop() { val = digitalRead(sensorPin); if (val == HIGH) { Serial.println("Object Detected"); } delay(100); } ``` --- ### 4. Common Maintenance * **Potentiometer Adjustment:** Some R2 boards include a small screw-type potentiometer to adjust the sensitivity of the IR sensors. * **Cleaning:** Dust on the IR LEDs can cause false readings; cleaning with isopropyl alcohol is recommended.
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the DSR-SSS-R2?
    • ⤷ How do I adjust the sensitivity potentiometer on this specific board?
    • ⤷ Is the DSR-SSS-R2 compatible with 3.3V logic levels?