Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • E5AZ-R3HMLD

  • AI
    ## Overview of Omron E5AZ-R3HMLD The **E5AZ-R3HMLD** is a sophisticated digital temperature controller manufactured by Omron. It belongs to the E5AZ series, designed for industrial automation tasks requiring precise thermal management. The suffix **R3HMLD** defines the specific electronic configuration and capabilities of the unit. --- ### Technical Specifications & Parts Breakdown | Component/Feature | Specification | Description | |:---|:---|:---| | **Control Output** | **Relay (R)** | SPST-NO, 250 VAC, 3 A (resistive load). | | **Auxiliary Outputs** | **3 Alarms (3)** | Three independent alarm relay outputs for safety/process signaling. | | **Heater Burnout** | **H** | Includes a Heater Burnout (HB) detection circuit via a Current Transformer (CT). | | **Comms/Options** | **ML** | Supports Modbus/RS-485 communications and multi-input functionality. | | **Power Supply** | **24 VAC/VDC (D)** | Operates on low-voltage DC or AC power systems. | --- ### Key Electronic Sub-Systems #### 1. Input Processing Block The controller features a **Multi-Input** circuit. This allows the electronic hardware to interface with various sensor types without changing the unit: * **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W, or PL II. * **Platinum Resistance Thermometers:** Pt100 or JPt100. * **Analog Inputs:** 4 to 20 mA, 0 to 20 mA, 1 to 5 V, 0 to 5 V, or 0 to 10 V. #### 2. Control Output (Relay) The **"R"** designation indicates a physical mechanical relay. * **Function:** It opens and closes the circuit to an external contactor or heater. * **Durability:** Typically rated for 100,000 operations at the rated load. * **Best Use:** Slow-cycle heating processes where high-speed switching is not required. #### 3. Heater Burnout Detection (HB) The **"H"** part of the model number signifies the inclusion of specialized circuitry that monitors the current flowing to the heater. * It requires an external **Current Transformer (CT)**. * The internal electronics compare the actual current against a set threshold to detect if the heater has failed or if the SSR has short-circuited. #### 4. Communication Interface The **"M"** indicates the inclusion of an RS-485 serial communication port. * Supports **CompoWay/F** and **Modbus** protocols. * Allows a PLC or PC to remotely monitor and adjust the setpoint (SP), process value (PV), and PID parameters. --- ### Internal Logic and Display The electronic brain of the E5AZ-R3HMLD uses **2-PID control** (Proportional-Integral-Derivative). This ensures that the system reaches the target temperature quickly while minimizing overshoot and maintaining stability once the target is reached. * **Display:** Dual 11-segment digital displays (Green for PV, Orange for SP). * **Protection:** Integrated memory (EEPROM) ensures that configuration data is retained even if the 24V power supply is lost. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the heater burnout (CT) input on this model?
    • ⤷ How do I configure the Modbus communication settings for the E5AZ-R3HMLD?
    • ⤷ Can the relay output be converted to an SSR voltage output via settings?