Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • E5C2-R20GD

  • AI
    The **E5C2-R20GD** is a popular analog temperature controller manufactured by Omron. It is known for its reliability, DIN-rail mounting capability, and simple interface. --- ## 1. Technical Specifications The E5C2 series is characterized by its compact 48x48mm size and "dial-setting" operation. | Feature | Specification | | :--- | :--- | | **Input Type** | Thermocouple Type K (CA) | | **Control Method** | ON/OFF Control | | **Output Type** | Relay Output (SPDT) | | **Supply Voltage** | 100 to 240 VAC | | **Switching Capacity** | 3A at 250 VAC (Resistive load) | | **Temperature Range** | Typically 0°C to 400°C (Model dependent) | | **Hysteresis** | Approx. 0.5% of full scale | --- ## 2. Key Electronic Components & Functions ### A. The Input Stage (Thermocouple Conditioning) * **Sensor Interface:** The "GD" suffix specifically indicates that this unit is designed for **Type K Thermocouples**. * **Cold Junction Compensation (CJC):** Internally, the circuit uses thermistors to compensate for the temperature at the controller’s terminals, ensuring accurate millivolt-to-temperature conversion. ### B. Control Logic (Analog/Hybrid) * **Potentiometer:** Unlike digital controllers, the setpoint is adjusted via a high-precision potentiometer (the front dial). * **Comparator Circuit:** The electronics compare the millivolt signal from the thermocouple against the reference voltage set by the dial. * **ON/OFF Hysteresis:** To prevent "chattering" (rapid clicking of the relay), the circuit includes a small deadband (approx. 2°C at a 400°C range). ### C. Output Section (The Relay) * **Electromechanical Relay:** The "R" in the model name stands for **Relay**. It acts as a physical switch. * **Contact Life:** The internal relay is rated for approximately 100,000 electrical operations at full load. --- ## 3. Wiring Configuration The device uses an 8-pin circular socket (usually the P2CF-08 or P3G-08). | Pin Numbers | Function | | :--- | :--- | | **2 & 7** | Power Supply (100-240 VAC) | | **1, 8, 7** | Relay Contacts (Common, NO, NC) | | **4(+) & 5(-)** | Thermocouple Input (Type K) | --- ## 4. Application Considerations 1. **Inductive Loads:** If controlling a large motor or solenoid, it is recommended to use an external snubber (RC circuit) to protect the internal relay contacts from sparking. 2. **Mounting:** It is designed for front-panel mounting or DIN-rail mounting using a socket. 3. **Proportional Band:** While this specific model is primarily ON/OFF, some E5C2 variants offer basic proportional control to reduce temperature overshoot.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R20GD and the R20P models?
    • ⤷ How do I calibrate the temperature offset on an analog Omron controller?
    • ⤷ Can I use a PT100 sensor with this specific model?