Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • EC36-R10M

  • AI
    The **EC36-R10M** is a high-performance, shielded power inductor commonly used in automotive, industrial, and high-frequency power electronics. It is part of the "EC" series, typically manufactured by companies like EROCORE or similar magnetic component specialists. --- ### 1. Key Technical Specifications The "R10M" suffix provides the critical electrical parameters for the component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.10 µH (R10) | | **Tolerance** | ±20% (M) | | **Package Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Composite Alloy (Iron Powder) | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Physical Characteristics The "36" in the part number usually refers to the physical dimensions, often corresponding to an industry-standard footprint (approximately 3.0mm x 3.0mm or similar, depending on the specific manufacturer series). * **Construction:** The wire is wound around a magnetic core and encapsulated in a metal composite mold. * **Terminals:** Lead-free (RoHS compliant) solder pads for SMT mounting. * **Durability:** Designed to withstand high vibration and thermal cycling. --- ### 3. Electronic Performance Features * **Low DCR (DC Resistance):** Because the inductance is very low (0.10 µH), these parts are designed for extremely low resistance to minimize power loss through heat. * **High Saturation Current ($I_{sat}$):** The alloy core allows the inductor to handle high peak currents without the magnetic field collapsing (saturating). * **Soft Saturation:** Unlike ferrite cores, composite cores drop inductance gradually as current increases, preventing sudden circuit failures. * **EMI Suppression:** The shielded design ensures that the magnetic flux remains contained, preventing interference with nearby sensitive components. --- ### 4. Common Applications This specific inductor is usually found in high-speed switching environments: 1. **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. 2. **GPU/CPU Power Supply:** Due to the low inductance and high current capability, it is ideal for Vcore power phases in computing. 3. **Automotive Electronics:** Used in ADAS (Advanced Driver Assistance Systems) and infotainment power modules. 4. **Telecommunications:** Distributed power systems and base station power units. --- ### 5. Identification Guide If you are looking at the marking on the part: * **R10**: Represents $0.10 \text{ µH}$. (The "R" acts as a decimal point). * **M**: Represents the tolerance of $\pm 20\%$.
    ✨ Follow-up Questions
    • ⤷ What is the typical saturation current (Isat) for an EC36-R10M inductor?
    • ⤷ How does a composite alloy core compare to a ferrite core in high-frequency applications?
    • ⤷ Can you provide a footprint layout recommendation for this SMD package?