Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ECM25T-R18

  • AI
    The **ECM25T-R18** is a specialized high-performance brushless motor controller (Electronic Speed Controller) typically designed for industrial applications, high-end robotics, or specialized electric propulsion systems. ### 1. Key Technical Specifications The ECM25T-R18 is categorized by its power handling and feedback capabilities. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | 12V - 48V DC (Standard for T-Series) | | **Continuous Current** | 25 Amps | | **Peak Current** | Up to 50 Amps (Short duration) | | **Control Interface** | CAN bus / PWM / UART | | **Feedback Support** | Hall Sensors / Incremental Encoders | | **Drive Architecture** | Field Oriented Control (FOC) | --- ### 2. Major Electronic Subsystems The board is composed of several critical electronic sections that allow for precise motor control: #### A. Power Stage (MOSFET Bridge) * **Components:** 6 N-Channel MOSFETs arranged in a 3-phase bridge. * **Function:** Switches high-current power from the battery to the motor windings. These are usually low $R_{DS(on)}$ components to minimize heat dissipation. #### B. Logic & Microcontroller (MCU) * **Processor:** Often powered by an ARM Cortex-M4 or M7 core. * **Function:** Executes the FOC (Field Oriented Control) algorithms, processes sensor data, and manages communication protocols. #### C. Sensing & Feedback * **Current Shunts:** Precision low-ohm resistors used to measure phase current. This data is fed back to the MCU for real-time torque control. * **Voltage Dividers:** Monitors the DC bus voltage to protect against overvoltage or undervoltage conditions. * **Thermal Sensors:** NTC thermistors are embedded near the MOSFETs to trigger thermal throttling. #### D. Communication & Protection * **CAN Transceiver:** Allows the unit to communicate with a central flight controller or PLC. * **Protection Circuits:** TVS diodes for ESD protection and capacitors for EMI filtering. --- ### 3. Functional Features The "R18" variant often denotes a specific revision or firmware capability set: 1. **Regenerative Braking:** Converts kinetic energy back into electrical energy during deceleration, charging the battery. 2. **FOC Algorithm:** Provides smoother motion, higher efficiency, and less noise compared to traditional trapezoidal (6-step) commutation. 3. **Programmability:** Users can typically adjust PID loops, acceleration ramps, and current limits via a software GUI. --- ### 4. Typical Connection Diagram (Pinout Logic) ```cpp // Typical Interface Mapping [PWR] -> VCC (12-48V) / GND [MOT] -> Phase A / Phase B / Phase C [COMM] -> CAN_H / CAN_L / GND [SNS] -> Hall A / Hall B / Hall C / +5V / GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the ECM25T-R18?
    • ⤷ Does this controller support sensorless operation for high-speed motors?
    • ⤷ How do you configure the CAN bus parameters for this specific model?