Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • EM260-RTR

  • AI
    ## Overview of the EM260-RTR The **EM260-RTR** is a specialized network co-processor (NCP) designed by Silicon Labs (Ember) for Zigbee networking. Unlike a standalone System-on-Chip (SoC), the EM260 is designed to offload the Zigbee protocol stack from a host microcontroller (MCU), allowing the main processor to focus on the application logic while the EM260 handles the 802.15.4 wireless communication. --- ### Key Electronic Specifications | Feature | Specification | | :--- | :--- | | **Radio Protocol** | IEEE 802.15.4 (Zigbee compliant) | | **Frequency Band** | 2.4 GHz ISM Band | | **Interface** | SPI (Serial Peripheral Interface) | | **Supply Voltage** | 2.1V to 3.6V DC | | **Current Consumption** | ~28.5 mA (RX), ~31 mA (TX at 3 dBm) | | **Flash Memory** | 128 KB (Internal) | | **RAM** | 5 KB (Internal) | --- ### Internal Electronic Architecture The internal components of the EM260-RTR are optimized for low-power wireless data transmission: 1. **Microprocessor Core**: It contains a 16-bit XAP2b core. This core is dedicated solely to running the **EmberZNet** PRO stack. 2. **RF Transceiver**: An integrated 2.4 GHz transceiver with a high-sensitivity receiver and a programmable power amplifier. 3. **Serial Interface (SPI)**: This is the primary electronic link to the Host MCU. It uses a 5-wire SPI protocol (MOSI, MISO, SCLK, nSEL, and nHOST_INT) to manage data flow and wake-up signals. 4. **Power Management Unit (PMU)**: Includes integrated regulators to allow operation across a wide voltage range with minimal external filtering components. --- ### Pin Configuration and Connectivity The EM260 typically interfaces with external electronics via specific functional groups: * **RF Port**: Usually requires a 50$\Omega$ matching network or a balun to connect to a ceramic chip antenna or an SMA connector. * **Host Interface**: * `nRES`: Hardware reset input. * `nHOST_INT`: Interrupt signal to tell the Host MCU that data is ready. * `nWAKE`: Signal from the Host to wake the EM260 from deep sleep. * **Clock Source**: Requires an external 24 MHz crystal oscillator for frequency stability. --- ### Typical Application Circuit Example ```mermaid graph LR A[Host MCU] -- SPI + Control -- B[EM260-RTR] B -- RF Output -- C[Matching Network] C -- 2.4GHz -- D[Antenna] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an NCP like EM260 and a standalone SoC?
    • ⤷ Which specific versions of the Zigbee stack are compatible with the EM260?
    • ⤷ How does the SPI protocol handle flow control between the host and the EM260?